Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857AM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC857AM
Description  PNP general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC857AM Datasheet(HTML) 3 Page - NXP Semiconductors

  BC857AM Datasheet HTML 1Page - NXP Semiconductors BC857AM Datasheet HTML 2Page - NXP Semiconductors BC857AM Datasheet HTML 3Page - NXP Semiconductors BC857AM Datasheet HTML 4Page - NXP Semiconductors BC857AM Datasheet HTML 5Page - NXP Semiconductors BC857AM Datasheet HTML 6Page - NXP Semiconductors BC857AM Datasheet HTML 7Page - NXP Semiconductors BC857AM Datasheet HTML 8Page - NXP Semiconductors BC857AM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2004 Mar 10
3
Philips Semiconductors
Product specification
PNP general purpose transistors
BC857M series
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Notes
1. Refer to SOT883 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
2. Device mounted on a FR4 printed-circuit board, single-sided copper, mounting pad for collector 1 cm2.
THERMAL CHARACTERISTICS
Notes
1. Refer to SOT883 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
2. Device mounted on a FR4 printed-circuit board, single-sided copper, mounting pad for collector 1 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−−50
V
VCEO
collector-emitter voltage
open base
−−45
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
−−100
mA
ICM
peak collector current
−−200
mA
IBM
peak base current
−−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
note 1
−
250
mW
note 2
−
430
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
note 1
500
K/W
note 2
290
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com