Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD3003 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PD3003
Description  Screened Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PD3003 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PD3003 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
21/11/12
Screened Cable
Specifications:
Insulation Material (Primary and Secondary)
: PVC
Conductor Material
: Tinned Copper
Drain Wire Type
: Integral
Secondary Insulation Colour
: Grey
Primary Screen Type
: Aluminised Polyester Tape
Conductor Area CSA
: 0.34mm2
Core-core Capacitance
: 98pF/m
Core-screen Capacitance
: 180pF/m
Conductor Make-up
: 7/0.25mm
Number of Cores
: 6
External Diameter
: 8.1mm
Impedance
: 62Ω
Number of Pairs
: 3
Reel Length
: 100m
Conductor Material
: Copper
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Cable, Screen, 3 Pair, 7/0.25mm, 100m
PD3003


Similar Part No. - PD3003

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
PD300 ANADIGICS-PD300 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD300-003-0XX ANADIGICS-PD300-003-0XX Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD300-003-100 ANADIGICS-PD300-003-100 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD300-003-105 ANADIGICS-PD300-003-105 Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
PD300-003-1XX ANADIGICS-PD300-003-1XX Datasheet
179Kb / 2P
300關m InGaAs Photodiode
Rev 1.0
More results

Similar Description - PD3003

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FRD12000 CYNERGY3-FRD12000 Datasheet
684Kb / 2P
screened 8kV, 6A
logo
IRC - a TT electronics ...
PFC-W0603HF-04-50R0-K IRCTT-PFC-W0603HF-04-50R0-K Datasheet
433Kb / 4P
Mil-Screened High Frequency Mil-Screened High Frequency
logo
PREMO CORPORATION S.L
FC1-FC3 PREMO-FC1-FC3 Datasheet
137Kb / 1P
Screened Room Filters
FC2-FC4 PREMO-FC2-FC4 Datasheet
138Kb / 1P
Screened Room Filters
logo
Cynergy3 Co
FRD32061 CYNERGY3-FRD32061 Datasheet
575Kb / 2P
FRD30000 fully screened
FRS12030 CYNERGY3-FRS12030 Datasheet
599Kb / 2P
FRS12000 miniature screened
logo
List of Unclassifed Man...
PP001164 ETC2-PP001164 Datasheet
162Kb / 1P
LSZH 300V Screened Single Pair Low Capacitance Computer Cable
logo
Schneider Electric
TSXCSA100 SCHNEIDER-TSXCSA100 Datasheet
131Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 100 m
DEC 31, 2021
TSXCSA200 SCHNEIDER-TSXCSA200 Datasheet
130Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 200 m
DEC 31, 2021
TSXCSA500 SCHNEIDER-TSXCSA500 Datasheet
132Kb / 2P
UNI-TELWAY cable - screened twisted double pair - 500 m
DEC 31, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com