Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEW1663PPB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PEW1663PPB
Description  Mains Plug PEW16/32_pp Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEW1663PPB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PEW1663PPB Datasheet HTML 1Page - List of Unclassifed Manufacturers PEW1663PPB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
07/06/13
Mains Plug
PEW16/32_pp Series
Dimensions : Millimetres
Dimensions
Current
Rating
(A)
Poles
A
B
C
D
E
F
G
X
Y
PgØ
Knockout
16
2P +
75
115
150
105
19
33
Ø22
65
105
16
3P +
108
3P + N +
100
130
172
120
22
85
115
21
32
2P +
42
Ø28
3P +
3P + N +
Features:
• In compliance with EN 60309-1 and EN 60309-2 standards
• Enclosure, insert and spring lid in insulating, thermoplastic,
self-extinguishing material
• RAL 7035 grey enclosure, spring lid colour coded according to the
operating voltage
• Supplied with gland and locknut or hole can be drilled to suit
• Spring lid with locking ring and gasket, entry with cable gland


Similar Part No. - PEW1663PPB

ManufacturerPart #DatasheetDescription
logo
Pro-Power
PEW1663PPB PROPOWER-PEW1663PPB Datasheet
254Kb / 3P
PEW16/32_pp Series Mains Plugs
22/06/06 V1.0
More results

Similar Description - PEW1663PPB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
Power plug for the universal mains
1997 Mar 07
logo
Schurter Inc.
422U SCHURTER-422U Datasheet
336Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Angled
4121 SCHURTER-4121 Datasheet
273Kb / 2P
Power Supply Cord with Euro- Power (Mains) Plug, Straight
4370 SCHURTER-4370 Datasheet
297Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Straight
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
MAINS INPUT FILTERS
logo
C&K Components
NE18-2A-EE-SP CK-COMPONENTS-NE18-2A-EE-SP Datasheet
388Kb / 9P
NE-18 Series Mains / Power Switches
logo
PHOENIX CONTACT
2702435 PHOENIX-2702435 Datasheet
72Kb / 4P
Mains plug - PLD E 400-PS/1AC/24DC/12W
2702436 PHOENIX-2702436 Datasheet
72Kb / 4P
Mains plug - PLD E 400-PS/1AC/24DC/30W
logo
Schurter Inc.
422U SCHURTER-422U_V01 Datasheet
390Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Angled
logo
Electronic Components L...
BAC2556 CLIFF-BAC2556 Datasheet
305Kb / 1P
UK MAINS PLUG TO IEC CORDSET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com