Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEW1663SVB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PEW1663SVB
Description  Mains Plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEW1663SVB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PEW1663SVB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
08/11/12
Mains Plug
Features:
• In compliance with EN 60309-1 and EN 60309-2 standards
• Enclosure, insert and locking in insulating, thermoplastic,
self-extinguishing material
• Cable anchoring collar incorporated in the insert
• Supplied with entry gland
• Entry with cable gland, RAL 7035 grey enclosure, locking
ring with gasket colour coded according to the operating
voltage
• Cable anchorage with retained screws
Specifications:
Series
: PEW16_sv
Gender
: Plug
Connector Mounting
: Cable
Contact Termination
: Screw
Connector Type
: Standard Power Entry
IP / NEMA Rating
: IP67
No. of Outlets
: 1
Current
Rating
(A)
Poles
A
B
PgØ
16
2P +
137
70
16
3P +
142
78
3P + N +
150
86
21
32
2P +
170
92
3P +
3P +N +
175
99.5
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Dimensions : Millimetres
Part Number Table
Description
Part Number
Plug, 240V, 2P+E, IP67
PEW1663SVB
Plug, 415V, 3 Pole, N+E, IP67
PEW1665SVB
Plug, 32A, 240V
PEW3263SVA


Similar Part No. - PEW1663SVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEW1663SV ETC-PEW1663SV Datasheet
112Kb / 1P
PEW...SV coupler plugs, low voltage from over 50V up to 690V
More results

Similar Description - PEW1663SVB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1401T PHILIPS-TEA1401T Datasheet
166Kb / 20P
Power plug for the universal mains
1997 Mar 07
logo
ECM Electronics Limited...
TCH-A ECM-TCH-A Datasheet
144Kb / 3P
Flat Mains Transformer
logo
Schurter Inc.
422U SCHURTER-422U Datasheet
336Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Angled
4121 SCHURTER-4121 Datasheet
273Kb / 2P
Power Supply Cord with Euro- Power (Mains) Plug, Straight
4370 SCHURTER-4370 Datasheet
297Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Straight
logo
List of Unclassifed Man...
SF2010-6 ETC2-SF2010-6 Datasheet
85Kb / 2P
MAINS INPUT FILTERS
logo
PHOENIX CONTACT
2702435 PHOENIX-2702435 Datasheet
72Kb / 4P
Mains plug - PLD E 400-PS/1AC/24DC/12W
2702436 PHOENIX-2702436 Datasheet
72Kb / 4P
Mains plug - PLD E 400-PS/1AC/24DC/30W
logo
Schurter Inc.
422U SCHURTER-422U_V01 Datasheet
390Kb / 2P
Power Supply Cord with Shako Power (Mains) Plug, Angled
logo
Electronic Components L...
BAC2556 CLIFF-BAC2556 Datasheet
305Kb / 1P
UK MAINS PLUG TO IEC CORDSET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com