Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL75-7 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # PL75-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL75-7 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button PL75-7 Datasheet HTML 63Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 64Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 65Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 66Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 67Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 68Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 69Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 70Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
67
75Ω mini-weco coax patch jacks
Patch Plug
Mini-WECo Crimp Plug
with Locking Tab
PL1MWLT-
Patch Plug
Mini-WECo BNC Strip dimension
Crimp Contact, Crimp Shield
PL1MW-
Miniature Patch Jack
Cable entry, field serviceable Mini-WECo type
Minimum .64" centers
J12-
- Refer to Cable Group Table, see pages 91-1313.
1
1
Miniature Patch Jack
TPS, Mini WECo type
J11
Miniature Patch Jack
Solder Pot, Mini-WECo type
J11D
.375
DIA
TPS RECEPTACLE
.347
DIA
1.730
.264
.218
.128 MTG HOLE
.295
.638
.436
SOLDER POT ACCEPTS
.040 DIA CONDUCTOR
.400 MAX
1.761
1.403
.264
.218
.128 MTG HOLE
.295
.638
.436
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
;;;;;
.347 DIA
1.828
.375 WRENCH FLATS
Ø.347
1
1
.299
.297
DIA
1.610
1.876
.312 HEX
.375 HEX
.508
CABLE ENTRY
DASH
CABLE
A
NO
ACCOMMODATED
HEX
-009
8218, BELDEN
.178
21-597, ESSEX
YR23023, BELDEN
-013A
TCC-75-2, TROMPETER
.255
8241F, BELDEN
-014
8212, BELDEN
.255
-025
734A TYPE
.255
-026
735A TYPE
.178
-027
KS19224L2 LUCENT
.178
PL1MWLT-(DASH NO)
Ø.299
Ø.297
1.876
±.030
1.568
±.030
.312 HEX
.375 HEX
CABLE ENTRY
Miniature Patch Jack
Mini-WECo Type
BNC Rear Interface
J11MW
Miniature Patch Jack
Mini-WECo Type
BNC Rear Interface
J11MWL
A
B
C
J11B
.264 .295
.638
J11MW
.375 .375
.728
B
.218
Ø.347
A
2.210
Ø.380
.436
C
3.280
Ø.347
A
.436
C
Ø.380
B
.218
A
B
C
J11BL
.264 .295
.638
J11MWL .375 .375
.728



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com