Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS91-12-R Datasheet(PDF) 1 Page - Turck, Inc.

Part # MS91-12-R
Description  Level controller 1-channel
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

MS91-12-R Datasheet(HTML) 1 Page - Turck, Inc.

  MS91-12-R Datasheet HTML 1Page - Turck, Inc. MS91-12-R Datasheet HTML 2Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 2
Level controller
1-channel
MS91-12-R (UNT)
The 1-channel level control MS91-12-R mon-
itors and regulates conductive liquid levels
(II). As a dual level regulator, it can be used
to control pumps and solenoid valves (I). As
monitoring device it is designed for run-dry or
over flow protection.
The sensitivity (liquid resistance) is adjustable
between 0.1 … 100 kò. One of the four sen-
sitivity ranges is selected by the terminal con-
figuration. Fine adjustment of the switch point
within the selected range is achieved with a
front cover potentiometer. The level controller
not only provides optimum reliability in differ-
entiating liquids, it is also suited for the distinc-
tion between foam and liquid .
The adjustable switch-on and switch-off delay
is very important for turbulent liquid levels. A
delay time between 0.1 … 15 s can be set via
the potentiometer on the front.
Two parallely operating relay outputs with one
changover contact each are provided to out-
put the switching commands. The output con-
figuration of both outputs can be changed
from NC mode (no bridge between terminal
15/16) to NO mode (with bridge between ter-
minals 15/16).
The switching status is indicated by a yellow
LED.
The switching status of the output is indicated
by a yellow LED and operational readiness by
a green LED.
■ Output: 2 relays with changeover contact
■ Responsivity: 0.2…100 kò
■ Removable terminal blocks
■ Switching of electrodes via auxiliary relay
■ Switch-on/off delay adjustable 0.1…15 s
■ Reliable distinction between foam and liq-
uid
■ Galvanic isolation of input circuits, output
circuits and power supply


Similar Part No. - MS91-12-R

ManufacturerPart #DatasheetDescription
logo
UMPCO, Inc.
MS9101 UMPCO-MS9101 Datasheet
70Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9101-01 UMPCO-MS9101-01 Datasheet
70Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9101-02 UMPCO-MS9101-02 Datasheet
70Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9101-03 UMPCO-MS9101-03 Datasheet
70Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
MS9101-04 UMPCO-MS9101-04 Datasheet
70Kb / 1P
BRACKET, ANGLE 90째, .190 BOLT
More results

Similar Description - MS91-12-R

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16681 NEC-UPD16681 Datasheet
906Kb / 56P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
STMicroelectronics
MK50H25 STMICROELECTRONICS-MK50H25 Datasheet
515Kb / 64P
HIGH SPEED LINK LEVEL CONTROLLER
Jul-1994
logo
Hitachi Semiconductor
HD66732 HITACHI-HD66732 Datasheet
5Mb / 131P
Hraphics Liquid Crystal Display Controller/Driver Supportiong JIS Level-1 and Level-2 Kangi ROM)
logo
Rohm
BD9300 ROHM-BD9300 Datasheet
66Kb / 3P
1-channel DC/DC converter controller
logo
List of Unclassifed Man...
AT1392 ETC1-AT1392 Datasheet
254Kb / 8P
1-Channel Synchronous Buck PWM Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
1- Channel Step-Down PWM Controller
logo
Omron Electronics LLC
61F-GP-N8 OMRON-61F-GP-N8 Datasheet
399Kb / 10P
Conductive Level Controller
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
Entry level LCD TV controller
25-Aug-2008
logo
Renesas Technology Corp
PD16681A RENESAS-PD16681A_15 Datasheet
1Mb / 58P
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
logo
Feeling Technology Corp...
FP5101 FEELING-FP5101 Datasheet
734Kb / 20P
1 Channel Synchronous PWM Controller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com