Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV74 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV74
Description  High-speed double diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV74 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV74 Datasheet HTML 1Page - NXP Semiconductors BAV74 Datasheet HTML 2Page - NXP Semiconductors BAV74 Datasheet HTML 3Page - NXP Semiconductors BAV74 Datasheet HTML 4Page - NXP Semiconductors BAV74 Datasheet HTML 5Page - NXP Semiconductors BAV74 Datasheet HTML 6Page - NXP Semiconductors BAV74 Datasheet HTML 7Page - NXP Semiconductors BAV74 Datasheet HTML 8Page - NXP Semiconductors BAV74 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2004 Jan 14
2
Philips Semiconductors
Product specification
High-speed double diode
BAV74
FEATURES
• Small plastic SMD package
• High switching speed: max. 4 ns
• Continuous reverse voltage: max. 50 V
• Repetitive peak reverse voltage: max. 60 V
• Repetitive peak forward current: max. 450 mA.
APPLICATIONS
• High-speed switching in thick and thin-film circuits.
DESCRIPTION
The BAV74 consists of two high-speed switching diodes
with common cathodes, fabricated in planar technology,
and encapsulated in a small SOT23 plastic SMD package.
MARKING
Note
1. * = p : Made in Hong Kong.
* = t : Made in Malaysia.
* = W: Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
BAV74
JA*
PIN
DESCRIPTION
1
anode (a1)
2
anode (a2)
3
cathode
Fig.1 Simplified outline (SOT23) and symbol.
umns
21
3
Top view
MAM108
21
3
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Device mounted on an FR4 printed-circuit board.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VRRM
repetitive peak reverse voltage
−
60
V
VR
continuous reverse voltage
−
50
V
IF
continuous forward current
single diode loaded; note 1; see Fig.2
−
215
mA
double diode loaded; note 1; see Fig.2
−
125
mA
IFRM
repetitive peak forward current
−
450
mA
IFSM
non-repetitive peak forward
current
square wave; Tj =25 °C prior to surge; see Fig.4
t=1
µs
−
4A
t=1ms
−
1A
t=1s
−
0.5
A
Ptot
total power dissipation
Tamb =25 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com