Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAV99S
Description  High-speed switching diode array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV99S Datasheet(HTML) 2 Page - NXP Semiconductors

  BAV99S Datasheet HTML 1Page - NXP Semiconductors BAV99S Datasheet HTML 2Page - NXP Semiconductors BAV99S Datasheet HTML 3Page - NXP Semiconductors BAV99S Datasheet HTML 4Page - NXP Semiconductors BAV99S Datasheet HTML 5Page - NXP Semiconductors BAV99S Datasheet HTML 6Page - NXP Semiconductors BAV99S Datasheet HTML 7Page - NXP Semiconductors BAV99S Datasheet HTML 8Page - NXP Semiconductors BAV99S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2001 May 14
2
Philips Semiconductors
Product specification
High-speed switching diode array
BAV99S
FEATURES
• Small plastic SMD package
• High switching speed
• Two electrically isolated series configuration arrays
• Low capacitance.
APPLICATIONS
• General purpose switching in e.g. surface mounted
circuits.
• Rail to rail (ESD) protection.
DESCRIPTION
The BAV99S consists of four single die high speed
switching diodes in two electrically isolated series
configurations, encapsulated in the small SMD SC-88
(SOT363) plastic package.
PINNING
PIN
DESCRIPTION
1
anode (a1)
2
cathode (k2)
3
cathode (k3)/anode (a4)
4
anode (a3)
5
cathode (k4)
6
cathode (k1)/anode (a2)
Fig.1
Simplified outline (SC-88; SOT363)
and symbol.
Marking code: K1.
MSA370
12
3
65
4
Top view
65
4
12
3 MBL211
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Note
1. Solder points at pins: 2, 3, 5 and 6.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VRRM
repetitive peak reverse voltage
−
85
V
VR
continuous reverse voltage
−
75
V
IF
continuous forward current
−
200
mA
IFRM
repetitive peak forward current
−
450
mA
IFSM
non-repetitive peak forward current
square wave; Tj =25 °C prior to
surge; see Fig.4
t=1
µs
−
4.5
A
t=1ms
−
1A
t=1s
−
0.5
A
Ptot
total power dissipation
Ts ≤ 85 °C; note 1
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com