Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL375-7 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # PL375-7
Description  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL375-7 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button PL375-7 Datasheet HTML 76Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 77Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 78Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 79Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 80Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 81Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 82Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 83Page - List of Unclassifed Manufacturers PL375-7 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
80
Trompeter general material/finish specifications
Trompeter Finish Specification -1
(TFS-1) Notes:
(2) Bright Gold plate on all connector center contacts, pins,
sockets, shall be .000050 min - .000070 max thk, Class 1
(3) Thickness is in accordance with MIL-G-45204B, Para 6.3
"Strikes and Underplating"
(4) Copper Alloy articles on which a nickel undercoat is not used
shall not be used for continuous service at temperatures above
149°C (300°F) QQ-S-365, Para. 3.3.5.
(5) For use on Brass and Beryllium Copper body (shell) and
accessory components when 500 hour salt spray test is
specified. (For test conditions, refer to MIL-C-38999, Para. 3.16
and 4.7.12.2, [Method 1001.1 of MIL-STD-1344])
(6) Plating thickness variations, critical and noncritical areas must
be plated to within specified lower limits, except where surfaces
cannot be contacted by A .75 inch dia ball, noncritical areas
total plating thickness may exceed the specified upper limits by
.000150 maximum.
TFS-1: Finish Specifications
TFS-1A
.0001- .0003 max thk Bright Nickel per QQ-N-290, Class1,
Form SB (over)
.000080-.000150 thk Bright Copper per MIL-C-14550 (over)
.0005 max Electroless Nickel per AMS-2404C, Class 1
(On Aluminum Only)
TFS-1B
.000020 - .000030 thk Bright Gold2 per MIL-G-45204, Type
II, Grade C, Class3 (over)
.000050-.000180 thk Bright Nickel3 per QQ-N-290, Class1
(over)
.000080-.000150 thk Bright Copper3 per MIL-C-14550
TFS-1C3
.0003 Watts Nickel per QQ-N-290, Form SB, Class 1 (over)
.000010 Nickel per QQ-N-290, Class 1
TFS-1D
.0001min - .000120 max thk Electroless Nickel per AMS
2404C (over)
.000080 min - .000150 max thk Bright Copper per MIL-C-
14550
TFS-1E
.0002 min -.0003 max thk Bright Electro Tin per MIL-T-
10727, Type 1 and solder test per Para. 4.6.3.1
TFS-1E2
.0002 min - .0003 max thk Bright Electro Tin per MIL-T-
10727, Type 1, and SolderTest per Para.4.6.3.1
(over) .000080 min - .000150 max thk Bright copper per
MIL-C-14550
TFS-1F3
.000020 min - .000030 max thk Bright Gold per MIL-G-
45204, Type II, Grade C, Class 00
(over) .000080 min- .000150 max thk Bright Copper per
MIL-C-14550
(over) .000050 Nickel Strike per QQ-N-290, Class 1
TFS-1G
.000020 min - .000030 max thk Bright Gold per
MIL-G-45024, Type II, Grade C, Class 00
TFS-1H
.0002 min - .0003 max thk Cadmium plate per QQ-P-416,
Type II, (supplementary chromate treatment, golden irides-
cent), Class 3
TFS-1M4
.000200 min - .000300 max thk Silver per QQ-S-365, Type
II (Semi-bright) Grade A (Chromate post treatment)
(over) .000080 min - .000150 max thk Bright Copper
per MIL-C-14550
TFS-1N5
.0003 - .0005 thk Cadmium plate per QQ-P-416,
Class 2, Type II, Olive Drab (over) .0005 -.000550 thk
Electroless Nickel plate per AMS 2404C
TFS-1P3
1
.00010 min - .00012 max. thk Bright Gold per Mil-G-
45204, Type II, Grade C, Class 2
2 .000050 min - .000070 max. thk Bright Gold
per Mil-G-45204, Type II, Grade C, Class 1
3 .000020 min - .000030 max. thk Bright Gold
per Mil-G-45204, Type II, Grade C, Class 00
(over) .00010 min - .000150 max. thk Bright Copper
per Mil-C-14550
TFS-1R1
.00010 min-.00012 max thk Bright Gold per MIL-G-45204,
Type II, Grade C, Class 2
(over) .000010 min-.000015 max thk Bright Gold Strike
per MIL-G-45204, Type 1, Grade A,
(over) .00010 min- .00015 max thk Bright Copper per
MIL-C-14550, Class 4
TFS = Trompeter Finish Specifications
Materials
Alloy or Type
FED/MIL Spec.
Usage
ABS
Moldings Type 2
MIL-STD-1803
Looping plug handles, lock pins
L-P-1883B
Acetal
Dupont Delrin
L-P-392
Insulators, cases, bushings
Aluminum
2024-T351
QQ-A255/6
Backbars, cases
6061-T6
QQ-A200/8
Stiffener bars
6061-T6
QQ-A250/11
Patch panels
6061-T6511
QQ-A200/8
Backbars, cases
Beryllium Copper
17200 (Bar)
ASTM-B-194
Contact & crescent springs
17300 (Flat)
ASTM-B-196 &197
Contact sockets, fingersprings,washers
Brass
C26000
ASTM-B-36
Ground lugs, washers
C36000
ASTM-B-16
Connector bodies, coupling
sleeves, clamp nuts, hex mtg.
nuts, ctr. contact pins, cases
Dupont Acetal
Homopolymer General Purpose
Moldings
Resin #500TL
w/ 1.5% Teflon Micropower
Fluorinated
(FEP)
ASTM-D-2116
Insulators
Ethylene Propylene
Hyflon
MFA Grade 640
Alternate material dielectric
Loctite
495 (Zinc Iridite per
QQ-2-325
ASTM-B633)
Type 2 Class 2 Finish
Nylon
6/6 or 6/12
L-P-410A
Insulating bushings
Perfluoroalkoxy
(PFA)
ASTM-D-3307
Cable jackets
Phenolic
XXX
L-P-513 PBE
Patch panels, backbars
Phosphor Bronze
Alloy 544
ASTM-B-139
Contact springs, lockwashers
Polytetrafluoro-
(PTFE)
ASTM-D-1710
Dielectrics, insulators
ethylene
Polyvinylidene Flouride
MIL-I-23053/8
Sealing Sleeves
Rubber
Silicone
ZZ-R-765
Gaskets, O-rings, sealing members
Solder
Sn60, 62, 63, or 96
QQ-S-571
Steel
C1010-1018
QQ-S-636
MPN cases
Music Wire
ASTM-A228 SAE J178
Tension springs
Steel CRS
Type 17-4PH
AMS-5643 Tubing
Corrosion Resistant
303
QQ-S-763
Connector bodies, coupling
Steel
sleeves, hex mtg. nuts
302
QQ-S-766
Designation strips
301
ASTM-484, A582
Thermo-plastic
Glass Filled
MIL-M-24519
Heat resistant molded insulators
Polyester
Vinyl
Clear Rigid-Self ext.
ASTM-D-635
Designation strip window
Opaque Rigid-Self ext.
ASTM-D-635
Designation strip marking strip
Zinc
Alloy #3
ASTM-B-240/B-86
Selected non-functional parts
TFS-1T5
.000050 -.000100 Bright Tin per MIL-T-10727, Type I
(Electro Deposited)
(over) .000150-.00020 Sulfamate Nickel per MIL-P-27418
(over) .00010-.00150 Copper per MIL-C-14550, Class 4
TFS-1U5
.00020-.00030 thk Sulfamate Nickel per MIL-P-27418
(over) .000080-.000150 max thk Copper
per MIL-C-14550
TFS-1V3
.000200-.000300 max thk Silver per QQ-S-365, Type I
(Matte), Grade A (over)
.000050-.000180 max thk Sulfamate Nickel per MIL-P-
27418, (over)
.000080 min-.000150 max thk Bright Copper
per MIL-C-14550
TFS-1W
.00020 min- .00030 max thk Cadmium Plate per QQ-P-
416, Type II Olive Drab, Class (over)
.00020 min- .00030 max thk Sulfamate Nickel per MIL-P-
27418 (over)
.000080 min- .000150 max thk Copper per MIL-C-14550
TFS-1X
.0002-.0003 thk Nickel per QQ-N-290, Class 1, Form SB
Grade G (over)
.000080 min-.000150 max Bright Cooper
per MIL-C-14550
Connectors
Patching
BNC
TNC
70 Series
150 Series
450 Series
WE Standard
WE Miniature
RCA Standard
Frequency Range
0-4 GHz
0-11 GHz
0-500 MHz
0-500 MHz
0-2 MHz
0-1 GHz
0-1 GHz
0-200 MHz
1.04 @ 75 MHz
1.06 Max.
1.05 @ 50 MHz
VSWR
1.30 Max.
Not Rated
1.12 @ 100 MHz
-
1.09 @ 100 MHz
-
1.18 @ 500 MHz
-
1.33 @ 500 MHz
500 VRMS
500 VRMS
400 VRMS
250 VRMS
150 VRMS
500 VRMS
250 VRMS
500 VRMS
@ Sea Level
@ Sea Level
@ Sea Level
@ Sea Level
@ Sea Level
@ Sea Level
@ Sea Level
@ Sea Level
Voltage Rating
125 VRMS
125 VRMS
100 VRMS
62.5 VRMS
Not Rated
Not Rated
@ 70,000 ft.
@ 70,000 ft.
@ 70,000 ft.
@ 70,000 ft.
Temperature Range
-65°C to 165°C
-65°C to 200°C
-65°C to 165°C
-65°C to165°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com