Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA-4040ZGS-G Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KA-4040ZGS-G
Description  4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KA-4040ZGS-G Datasheet(HTML) 1 Page - Kingbright Corporation

  KA-4040ZGS-G Datasheet HTML 1Page - Kingbright Corporation KA-4040ZGS-G Datasheet HTML 2Page - Kingbright Corporation KA-4040ZGS-G Datasheet HTML 3Page - Kingbright Corporation KA-4040ZGS-G Datasheet HTML 4Page - Kingbright Corporation KA-4040ZGS-G Datasheet HTML 5Page - Kingbright Corporation KA-4040ZGS-G Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAK9790
REV NO: V.4B
DATE: MAR/25/2013
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.Liu
ERP: 1201006663
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT
LED LAMP
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: KA-4040ZGS-G
Green
Features
Single color.
Suitable for all SMT assembly and solder process.
Available on tape and reel.
Ideal for backlighting.
Package : 500pcs / reel.
Moisture sensitivity level : level 3.
RoHS compliant.
Description
The Green source color devices are made with InGaN Light
Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Kingbright
yuanfang 數位簽署者:yuanfang
DN:cn=yuanfang, o, ou=SPEC專用,
email=rd02_p40@cn.kingbright.com, c=<無>
日期︰2013.03.27 13:43:55 +08'00'


Similar Part No. - KA-4040ZGS-G

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KA-4040ZGS KINGBRIGHT-KA-4040ZGS Datasheet
401Kb / 6P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
V.4B MAR/25/2013
More results

Similar Description - KA-4040ZGS-G

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA4040CGCK KINGBRIGHT-AA4040CGCK Datasheet
278Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040RWC KINGBRIGHT-AA4040RWC Datasheet
385Kb / 8P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SGC KINGBRIGHT-AA4040SGC Datasheet
278Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SURC KINGBRIGHT-AA4040SURC Datasheet
163Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYC KINGBRIGHT-AA4040SYC Datasheet
163Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040SYCK KINGBRIGHT-AA4040SYCK Datasheet
278Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
AA4040ZGC KINGBRIGHT-AA4040ZGC Datasheet
171Kb / 5P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMD67W SUNLED-ZMD67W Datasheet
197Kb / 4P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AA4040QWS-D KINGBRIGHT-AA4040QWS-D Datasheet
273Kb / 7P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
AA4040SRS TO-GRACE-AA4040SRS Datasheet
1Mb / 6P
4.0x4.0mm RIGHT ANGLE SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com