Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5205AD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA5205AD
Description  Wide-band high-frequency amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5205AD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA5205AD Datasheet HTML 4Page - NXP Semiconductors SA5205AD Datasheet HTML 5Page - NXP Semiconductors SA5205AD Datasheet HTML 6Page - NXP Semiconductors SA5205AD Datasheet HTML 7Page - NXP Semiconductors SA5205AD Datasheet HTML 8Page - NXP Semiconductors SA5205AD Datasheet HTML 9Page - NXP Semiconductors SA5205AD Datasheet HTML 10Page - NXP Semiconductors SA5205AD Datasheet HTML 11Page - NXP Semiconductors SA5205AD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
SA5205A
Wide-band high-frequency amplifier
1997 Nov 07
8
POWER DISSIPATION CONSIDERATIONS
When using the part at elevated temperature, the engineer should con-
sider the power dissipation capabilities.
At the nominal supply voltage of 6V, the typical supply current is
25mA (32mA Max). For operation at supply voltages other than 6V,
see Figure 3 for ICC versus VCC curves. The supply current is
inversely proportional to temperature and varies no more than 1mA
between 25
°C and either temperature extreme. The change is 0.1%
per over the range.
The recommended operating temperature ranges are air-mount
specifications. Better heat sinking benefits can be realized by
mounting the D package body against the PC board plane.
PC BOARD MOUNTING
In order to realize satisfactory mounting of the SA5205A to a PC
board, certain techniques need to be utilized. The board must be
double-sided with copper and all pins must be soldered to their
respective areas (i.e., all GND and VCC pins on the SO package).
The power supply should be decoupled with a capacitor as close to
the VCC pins as possible and an RF choke should be inserted
between the supply and the device. Caution should be exercised in
the connection of input and output pins. Standard microstrip should
be observed wherever possible. There should be no solder bumps
or burrs or any obstructions in the signal path to cause launching
problems. The path should be as straight as possible and lead
lengths as short as possible from the part to the cable connection.
Another important consideration is that the input and output should
be AC coupled. This is because at VCC=6V, the input is
approximately at 1V while the output is at 3.1V. The output must be
decoupled into a low impedance system or the DC bias on the
output of the amplifier will be loaded down causing loss of output
power. The easiest way to decouple the entire amplifier is by
soldering a high frequency chip capacitor directly to the input and
output pins of the device. This circuit is shown in Figure 18. Follow
these recommendations to get the best frequency response and
noise immunity. The board design is as important as the integrated
circuit design itself.
SCATTERING PARAMETERS
The primary specifications for the SA5205A are listed as
S-parameters. S-parameters are measurements of incident and
reflected currents and voltages between the source, amplifier and
load as well as transmission losses. The parameters for a two-port
network are defined in Figure 19.
Actual S-parameter measurements using an HP network analyzer
(model 8505A) and an HP S-parameter tester (models 8503A/B) are
shown in Figure 20.
Values for the figures below are measured and specified in the data
sheet to ease adaptation and comparison of the SA5205A to other
high-frequency amplifiers.
5205A
VOUT
VIN
VCC
AC
COUPLING
CAPACITOR
RF CHOKE
DECOUPLING
CAPACITOR
AC
COUPLING
CAPACITOR
SR00232
Figure 18. Circuit Schematic for Coupling and Power Supply
Decoupling
a. Two-Port Network Defined
b.
S21
S12
S22
S11
POWER AVAILABLE FROM
GENERATOR AT INPUT PORT
POWER REFLECTED
FROM INPUT PORT
S11 =
POWER REFLECTED
FROM OUTPUT PORT
POWER AVAILABLE FROM
GENERATOR AT OUTPUT PORT
S22 =
REVERSE TRANSDUCER
POWER GAIN
S12 =
S11 — INPUT RETURN LOSS
S12 — REVERSE TRANSMISSION LOSS
OSOLATION
S21 — FORWARD TRANSMISSION LOSS
OR INSERTION GAIN
S21 =
TRANSDUCER POWER GAIN
S22 — OUTPUT RETURN LOSS
SR00233
Figure 19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com