Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF130/5 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF130/5
Description  8 AMP / 100 Volts 0.18OHM N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF130/5 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF130/5 Datasheet HTML 1Page - Solid States Devices, Inc SFF130/5 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF130/5
Electrical Characteristics @ TJ = 25ºC
(Unless Otherwise Specified)
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
(VGS=0 V, ID=250
µA)
BVDSS
100
––
––
Volts
Temperature Coefficient of Breakdown Voltage
∆BVDSS
∆Tj
––
100
––
mV/ ºC
Drain to Source On State Resistance
(VGS=10 V
)
ID=5A
ID=8A
RDS(on)
––
0.13
0.14
0.18
0.21
Ω
Gate Threshold Voltage
(VDS=VGS, ID=250
µA )
VGS(th)
2.0
2.8
4.0
V
Forward Transconductance
(VDS>ID(on) X RDS(on) Max, IDS= 9A
)
gfs
3
7
––
mho
Zero Gate Voltage Drain Current
(VDS=80% max rated voltage, VGS=0 V)
(VDS=80% rated VDS, VGS=0 V, TA=125ºC)
IDSS
––
––
––
––
25
250
µA
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
At rated VGS
IGSS
––
––
––
––
+100
-100
nA
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS=10 Volts
50% rated VDS
Rated ID
Qg
Qgs
Qgd
12
1
3.8
17
3.7
7.0
28
6.3
16.6
nC
Turn on Delay Time
Rise Time
Turn on Delay Time
Fall Time
VDD=50%
Rated VDS
ID = 8A
RG= 7.5
Ω
td(on)
tr
td(off)
tf
––
––
––
––
9.5
42
22
25
30
75
40
45
nsec
Diode Forward Voltage
(IS= Rated ID, VGS=0 V, TJ=25ºC)
VSD
––
1
1.5
V
Diode Reverse Recovery Time
Reverse Recovery Charge
TJ=25ºC
IF=10A
Di/dt=100A/
µsec
trr
QRR
––
––
120
0.7
300
3
nsec
nC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS=0 Volts
VDS=25 Volts
f=1 MHz
Ciss
Coss
Crss
––
––
––
650
250
44
––
––
––
pF
For thermal derating curves and other characteristics please contact SSDI Marketing Department.
Available Part Number:
SFF130/5
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-5
Pin 3
Pin 1
Pin 2
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00019D
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com