Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39WLABR100KLF10 Datasheet(PDF) 2 Page - Bi technologies

Part # 39WLABR100KLF10
Description  15 mm Single-Turn Trimmer Dust Proof Carbon Element RoHS Compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

39WLABR100KLF10 Datasheet(HTML) 2 Page - Bi technologies

  39WLABR100KLF10 Datasheet HTML 1Page - Bi technologies 39WLABR100KLF10 Datasheet HTML 2Page - Bi technologies 39WLABR100KLF10 Datasheet HTML 3Page - Bi technologies 39WLABR100KLF10 Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MODEL 39
BI Technologies Corporation
4200 Bonita Place, Fullerton, CA 92835 USA
Phone: 714 447 2345
Website: www.bitechnologies.com
April 16, 2007
page 2 of 4
BI technologies
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
ORDERING INFORMATION
2
2
2
2
Rotor Options
PCB Layout Options (39P)
2
Contact our customer service for custom designs and features.
39 W
L A B R100K
39 W
L A B R100K
39 W
L A B R100K
39 W
L A B R100K LF 30
LF 30
LF 30
LF 30
Model Series
RoHS Compliant Product Code
Std. Package 500 pc/bag
PCB Layout ( see below )
Tolerance :
10 - ±10%
20 - ±20%
30 - ±30%
Taper : A,B,C ( see below )
Rotor Options ( see below )
Styles
Total Resistance



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com