Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF054 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF054
Description  40 AMP 60Volts 0.020OHM N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF054 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF054 Datasheet HTML 1Page - Solid States Devices, Inc SFF054 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFF054

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF054-61 SSDI-SFF054-61 Datasheet
231Kb / 2P
35 AMP 60 Volts 0.022OHM N-Channel POWER MOSFET
SFF054/61 SSDI-SFF054/61 Datasheet
231Kb / 2P
35 AMP 60 Volts 0.022OHM N-Channel POWER MOSFET
SFF054C SSDI-SFF054C Datasheet
214Kb / 2P
35 AMP 60 Volts 0.025OHM N-Channel POWER MOSFET
SFF054M SSDI-SFF054M Datasheet
225Kb / 2P
35 AMP 60Volts 0.022OHM N-Channel POWER MOSFET
SFF054Z SSDI-SFF054Z Datasheet
225Kb / 2P
35 AMP 60Volts 0.022OHM N-Channel POWER MOSFET
More results

Similar Description - SFF054

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB50NE10L STMICROELECTRONICS-STB50NE10L Datasheet
51Kb / 5P
N - CHANNEL 100V - 0.020ohm - 50A - D2PAK STripFET POWER MOSFET
Jun-1998
STP50NE10L STMICROELECTRONICS-STP50NE10L Datasheet
86Kb / 8P
N - CHANNEL 100V - 0.020ohm - 50A TO-220 STripFET POWER MOSFET
May-1999
logo
International Rectifier
IRFN054 IRF-IRFN054 Datasheet
218Kb / 6P
POWER MOSFET N-CHANNEL(BVdss=60V, Rds(on)=0.020ohm, Id=55A*)
logo
STMicroelectronics
STC6NF30V STMICROELECTRONICS-STC6NF30V_07 Datasheet
275Kb / 13P
N-channel 30V - 0.020ohm - 6A - TSSOP8 2.5V-drive STripFE TM II Power MOSFET
01-Feb-2007
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
20-Feb-2007
logo
Solid States Devices, I...
SFF40N10-28 SSDI-SFF40N10-28 Datasheet
231Kb / 2P
40 AMP /100 Volts 0.055OHM N-Channel POWER MOSFET
SFF70N04 SSDI-SFF70N04 Datasheet
29Kb / 2P
70 AMP / 40 VOLTS 0.010 OHM N-CHANNEL POWER MOSFET
SFF054M SSDI-SFF054M Datasheet
225Kb / 2P
35 AMP 60Volts 0.022OHM N-Channel POWER MOSFET
SFF150C SSDI-SFF150C Datasheet
202Kb / 2P
40 AMP 100 Volts 0.040OHM N-Channel POWER MOSFET
SFF40N30M SSDI-SFF40N30M Datasheet
48Kb / 3P
40 AMP / 300 Volts 0.10 OHM N-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com