Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF054Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF054Z
Description  35 AMP 60Volts 0.022OHM N-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF054Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF054Z Datasheet HTML 1Page - Solid States Devices, Inc SFF054Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFF054Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF054 SSDI-SFF054 Datasheet
209Kb / 2P
40 AMP 60Volts 0.020OHM N-Channel POWER MOSFET
SFF054-61 SSDI-SFF054-61 Datasheet
231Kb / 2P
35 AMP 60 Volts 0.022OHM N-Channel POWER MOSFET
SFF054/61 SSDI-SFF054/61 Datasheet
231Kb / 2P
35 AMP 60 Volts 0.022OHM N-Channel POWER MOSFET
SFF054C SSDI-SFF054C Datasheet
214Kb / 2P
35 AMP 60 Volts 0.025OHM N-Channel POWER MOSFET
More results

Similar Description - SFF054Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB45NF06 STMICROELECTRONICS-STB45NF06 Datasheet
112Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET™ POWER MOSFET
Aug-2000
STD30NF06L STMICROELECTRONICS-STD30NF06L Datasheet
461Kb / 10P
N-CHANNEL 60V - 0.022Ω - 35A DPAK/IPAK STripFET™ POWER MOSFET
Jul-2002
STP45NF06 STMICROELECTRONICS-STP45NF06 Datasheet
114Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 STripFET™ POWER MOSFET
Nov-2000
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
Apr-1999
STY100NS20FD STMICROELECTRONICS-STY100NS20FD Datasheet
260Kb / 8P
N-CHANNEL 200V - 0.022ohm - 100A Max247 MESH OVERLAY™ Power MOSFET
Jan-2002
logo
Solid States Devices, I...
SFF044J SSDI-SFF044J Datasheet
199Kb / 2P
35 AMP 60 Volts 0.035OHM N-Channel POWER MOSFET
SFF054 SSDI-SFF054 Datasheet
209Kb / 2P
40 AMP 60Volts 0.020OHM N-Channel POWER MOSFET
SFF054C SSDI-SFF054C Datasheet
214Kb / 2P
35 AMP 60 Volts 0.025OHM N-Channel POWER MOSFET
SFF054-61 SSDI-SFF054-61 Datasheet
231Kb / 2P
35 AMP 60 Volts 0.022OHM N-Channel POWER MOSFET
SFFX054M SSDI-SFFX054M Datasheet
223Kb / 2P
35 AMP 60 VOLTS 0.022ohm N-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com