Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8EWF06S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 8EWF06S
Description  Ultrafast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

8EWF06S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  8EWF06S Datasheet HTML 1Page - Inchange Semiconductor Company Limited 8EWF06S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultrafast Rectifier
8EWF06S
www.iscsemi.com
1
FEATURES
· Low forward voltage drop
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· PFC Boost Stage
· Inverters
· Freewheeling diodes
· AC-to-DC section of SMPS
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
400
V
IF(AV)
Average Rectified Forward Current
8
A
IFSM
Non-repetitive peak surge current
170
A
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.5
℃
/W


Similar Part No. - 8EWF06S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWF06S IRF-8EWF06S Datasheet
172Kb / 9P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
8EWF06SLHM3 VISHAY-8EWF06SLHM3 Datasheet
222Kb / 7P
Surface Mount Fast Soft Recovery Rectifier Diode, 8 A
22-Feb-18
logo
International Rectifier
8EWF06SPBF IRF-8EWF06SPBF Datasheet
259Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
8EWF06STRL IRF-8EWF06STRL Datasheet
162Kb / 8P
SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
8EWF06STRLPBF VISHAY-8EWF06STRLPBF Datasheet
238Kb / 8P
Surface Mountable Fast Soft Recovery Diode, 8 A
01-Jul-09
More results

Similar Description - 8EWF06S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com