Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8EWX06FN Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 8EWX06FN
Description  Hyperfast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

8EWX06FN Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  8EWX06FN Datasheet HTML 1Page - Inchange Semiconductor Company Limited 8EWX06FN Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hyperfast Rectifier
8EWX06FN
www.iscsemi.com
1
FEATURES
· Low forward voltage drop
· Low Leakage Current
· Ultrafast recovery time
APPLICATIONS
· PFC Boost Stage
· Inverters
· Freewheeling diodes
· AC-to-DC section of SMPS
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
600
V
IF(AV)
Average Rectified Forward Current
8
A
IFSM
Non-repetitive peak surge current
90
A
TJ
Junction Temperature
-55~150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.2
℃
/W


Similar Part No. - 8EWX06FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWX06FN-M3 VISHAY-8EWX06FN-M3 Datasheet
156Kb / 8P
Hyperfast Rectifier, 8 A FRED Pt®
06-Apr-11
8EWX06FNTR-M3 VISHAY-8EWX06FNTR-M3 Datasheet
156Kb / 8P
Hyperfast Rectifier, 8 A FRED Pt®
06-Apr-11
8EWX06FNTRL-M3 VISHAY-8EWX06FNTRL-M3 Datasheet
156Kb / 8P
Hyperfast Rectifier, 8 A FRED Pt®
06-Apr-11
8EWX06FNTRR-M3 VISHAY-8EWX06FNTRR-M3 Datasheet
156Kb / 8P
Hyperfast Rectifier, 8 A FRED Pt®
06-Apr-11
More results

Similar Description - 8EWX06FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
Hyperfast Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
Hyperfast Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
Hyperfast Rectifier
15ETH06PBF IRF-15ETH06PBF Datasheet
235Kb / 8P
Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
Hyperfast Rectifier
logo
Vishay Siliconix
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
20-Nov-14
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
Hyperfast Rectifier
24-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com