Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8TQ080S Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 8TQ080S
Description  Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

8TQ080S Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  8TQ080S Datasheet HTML 1Page - Inchange Semiconductor Company Limited 8TQ080S Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Rectifier
8TQ080S
www.iscsemi.com
1
FEATURES
· Low forward voltage drop
· Extremely low reverse leakage
、
APPLICATIONS
· Switching Power Supplies
· Converters
· Freewheeling diodes
· Reverse battery protection
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
80
V
IF(AV)
Average Rectified Forward Current
8
A
IFSM
Single pulse forward current
8.3ms, Half Sine pulse
330
A
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
2.0
℃
/W
2
2
3
1


Similar Part No. - 8TQ080S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8TQ080S IRF-8TQ080S Datasheet
133Kb / 7P
SCHOTTKY RECTIFIER
8TQ080S IRF-8TQ080S Datasheet
215Kb / 7P
SCHOTTKY RECTIFIER 8 Amp
logo
Vishay Siliconix
8TQ080S VISHAY-8TQ080S Datasheet
107Kb / 6P
Schottky Rectifier, 8 A
19-Aug-08
logo
Sangdest Microelectroni...
8TQ080S SMC-8TQ080S Datasheet
210Kb / 6P
Redundant power subsystems
logo
International Rectifier
8TQ080SPBF IRF-8TQ080SPBF Datasheet
215Kb / 7P
SCHOTTKY RECTIFIER 8 Amp
More results

Similar Description - 8TQ080S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com