Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF450M Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF450M
Description  13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF450M Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF450M Datasheet HTML 1Page - Solid States Devices, Inc SFF450M Datasheet HTML 2Page - Solid States Devices, Inc SFF450M Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFF450
__ __ __
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
└ Lead Option 3/
__ = Straight Leads
DB = Down Bend
UB = Up Bend
└ Package 3/ M = TO-254
Z = TO-254Z
SFF450M
SFF450Z
13 AMP / 500 Volts
0.4
Ω
N-Channel POWER MOSFET
Features:
• Rugged Construction with Polysilicon Gate Cell
• Low RDS(ON) and High Transconductance
• Excellent High Temperature Stability
• Very Fast Switching Speed
• Fast Recovery and Superior dV/dt Performance
• Increased Reverse Energy Capability
• Low Input and Transfer Capacitance for Easy Paralleling
• Ceramic Seals Available for Improved Hermeticity
• Hermetically Sealed Surface Mount Power Package
• TX, TXV, Space Level Screening Available
• Replacement for IRFM450 Types
Maximum Ratings
Symbol
Value
Units
Drain – Source Voltage
VDS
500
Volts
Gate – Source Voltage
VGS
±20
Volts
Continuous Collector Current
ID
13
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
1
ºC/W
Total Device Dissipation
TC = 25ºC
TC = 55ºC
PD
125
95
W
TO-254 (M)
TO-254Z (Z)
For Pin Out Configuration and Optional Lead Bend, Se Page 3.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00097E
DOC


Similar Part No. - SFF450M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF450 SSDI-SFF450 Datasheet
209Kb / 2P
12 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF450-61 SSDI-SFF450-61 Datasheet
209Kb / 2P
13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF450/61 SSDI-SFF450/61 Datasheet
209Kb / 2P
13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF450C SSDI-SFF450C Datasheet
203Kb / 2P
13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
More results

Similar Description - SFF450M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF440 SSDI-SFF440 Datasheet
214Kb / 2P
8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF440J SSDI-SFF440J Datasheet
203Kb / 2P
8 AMP 500 Volts 0.86 OHM N-Channel POWER MOSFET
SFF440M SSDI-SFF440M Datasheet
218Kb / 2P
8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF450 SSDI-SFF450 Datasheet
209Kb / 2P
12 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF450C SSDI-SFF450C Datasheet
203Kb / 2P
13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
SFF450-61 SSDI-SFF450-61 Datasheet
209Kb / 2P
13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF430-5 SSDI-SFF430-5 Datasheet
223Kb / 2P
4.5 AMP 500 Volts 1.6 OHM N-Channel POWER MOSFET
SFF24N50M SSDI-SFF24N50M Datasheet
54Kb / 3P
24 AMP / 500 Volts 0.2 OHM N-Channel POWER MOSFET
SFF24N50B SSDI-SFF24N50B Datasheet
216Kb / 2P
24 AMP / 500 Volts 0.23 OHM N-Channel POWER MOSFET
SFF420J SSDI-SFF420J Datasheet
195Kb / 2P
2.5 AMP 500 VOLTS 3.0 ohm N-Channel Power MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com