Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF450Z Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF450Z
Description  13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF450Z Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF450Z Datasheet HTML 1Page - Solid States Devices, Inc SFF450Z Datasheet HTML 2Page - Solid States Devices, Inc SFF450Z Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF450M
SFF450Z
Electrical Characteristics @ TJ = 25ºC
(Unless Otherwise Specified)
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
(VGS=0 V, ID=250
μA)
BVDSS
500
––
––
Volts
Drain to Source On State Resistance
(VGS=10 V, ID= 7.2 A
)
RDS(on)
––
0.35
0.40
Ω
On State Drain Current
(VDS>ID(on) X RDS(on) Max, VGS=10 V)
ID(on)
13
––
––
A
Gate Threshold Voltage
(VDS=VGS, ID= 250
μA)
VGS(th)
2.0
––
4.0
V
Forward Transconductance
(VDS≥ 50 V, IDS= 7.2 A
)
gfs
8.7
131
––
mho
Zero Gate Voltage Drain Current
(VDS=max rated voltage, VGS=0 V)
(VDS=80% rated VDS, VGS=0 V, TA=125ºC)
IDSS
––
––
––
––
250
1000
μA
Gate to Source Leakage Forward
Gate to Source Leakage Reverse
At rated VGS
IGSS
––
––
––
––
+100
-100
nA
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS=10 Volts
80% rated VDS
Rated ID
Qg
Qgs
Qgd
––
––
––
83
11
42
120
17
64
nC
Turn on Delay Time
Rise Time
Turn on Delay Time
Fall Time
VDD=50% Rated VDS
50% Rated ID
RG= 6.2
Ω
PD= 20 W
td(on)
tr
td(off)
tf
––
––
––
––
18
44
70
40
27
66
100
60
nsec
Diode Forward Voltage
(IS= Rated ID, VGS=0 V, TJ=25ºC)
VSD
––
––
1.4
V
Diode Reverse Recovery Time
Reverse Recovery Charge
TJ=25ºC
IF= Rated ID
di/dt=100A/
μsec
trr
QRR
280
3.2
580
6.7
1200
14
nsec
μC
Input Capacitance
Input Capacitance
Reverse Transfer Capacitance
VGS=0 Volts
VDS=25 Volts
f=1 MHz
Ciss
Coss
Crss
––
––
––
2700
350
75
––
––
––
pF
For thermal derating curves and other characteristics please contact SSDI Marketing Department.
Available Part Numbers:
SFF450M; SFF450MDB; SFF450MUB;
SFF450Z; SFF450ZDB; SFF450ZUB;
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254Z (Z)
Pin 1
Pin 2
Pin 3
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00097E
DOC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com