Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF24N50/3 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF24N50/3
Description  24 AMP / 500 Volts 0.2 ohm N-Channel Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF24N50/3 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF24N50/3 Datasheet HTML 1Page - Solid States Devices, Inc SFF24N50/3 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Rugged Construction with Polysilicon Gate Cell
• Low RDS(ON) and High Transconductance
• Excellent High Temperature Stability
• Very Fast Switching Speed
• Fast Recovery and Superior dV/dt Performance
• Increased Reverse Energy Capability
• Low Input and Transfer Capacitance for Easy Paralleling
• Hermetically Sealed Surface Mount Power Package
• TX, TXV, Space Level Screening Available
• Replacement for IXTH24N50 Types
SFF24N50/3
SFF24N50/3T
24 AMP / 500 Volts
0.2
Ω
N-Channel
Power MOSFET
TO-3
Maximum Ratings
Symbol
Value
Units
Drain – Source Voltage
VDS
500
Volts
Gate – Source Voltage
VGS
±20
Volts
Continuous Drain Current (Tj limited)
ID
24
Amps
Avalanche Current
Repetitive
IAR
21
Amps
Avalanche Energy
Repetitive
Single Pulse
EAR
EAS
1
690
mJ
Operating & Storage Temperature
Top & Tstg
-55 to +150
ºC
Thermal Resistance, Junction to Case
RθJC
0.75
(typ 0.6)
ºC/W
Total Device Dissipation @ TC=25ºC
Total Device Dissipation @ TC=55ºC
PD
167
126
WATTS
Package Outline: TO-3
Pin Out:
Pin 1: GATE
Pin 2: SOURCE
Pin 3: DRAIN
Notes:
1.
P/N: SFF 24N50/3:
Pin Diameter : 0.043”
0.038”
2.
P/N: SFF24N50/3T:
Pin Diameter: 0.063”
0.058”
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: F00175E
DOC
1.197
1.177
Ø.875
MAX
2x
.043
.038
.675
.655
.525 MAX
.135 MAX
.440
.420
2x
.225
.205
.450
.250
2x .312 MIN
2x Ø.165
.151
2x R.188 MAX
SEATING PLANE
2
1


Similar Part No. - SFF24N50/3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF24N50B SSDI-SFF24N50B Datasheet
216Kb / 2P
24 AMP / 500 Volts 0.23 OHM N-Channel POWER MOSFET
SFF24N50M SSDI-SFF24N50M Datasheet
54Kb / 3P
24 AMP / 500 Volts 0.2 OHM N-Channel POWER MOSFET
SFF24N50N SSDI-SFF24N50N Datasheet
230Kb / 2P
24 AMP 500 Volts 0.23 OHM N-Channel POWER MOSFET
SFF24N50P SSDI-SFF24N50P Datasheet
230Kb / 2P
24 AMP 500 Volts 0.23 OHM N-Channel POWER MOSFET
SFF24N50Z SSDI-SFF24N50Z Datasheet
54Kb / 3P
24 AMP / 500 Volts 0.2 OHM N-Channel POWER MOSFET
More results

Similar Description - SFF24N50/3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF440 SSDI-SFF440 Datasheet
214Kb / 2P
8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF440M SSDI-SFF440M Datasheet
218Kb / 2P
8 AMP 500 Volts 0.85 OHM N-Channel POWER MOSFET
SFF450 SSDI-SFF450 Datasheet
209Kb / 2P
12 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF450M SSDI-SFF450M Datasheet
125Kb / 3P
13 AMP / 500 Volts 0.4 OHM N-Channel POWER MOSFET
SFF450-61 SSDI-SFF450-61 Datasheet
209Kb / 2P
13 AMP 500 Volts 0.40 OHM N-Channel POWER MOSFET
SFF430-5 SSDI-SFF430-5 Datasheet
223Kb / 2P
4.5 AMP 500 Volts 1.6 OHM N-Channel POWER MOSFET
SFF24N50M SSDI-SFF24N50M Datasheet
54Kb / 3P
24 AMP / 500 Volts 0.2 OHM N-Channel POWER MOSFET
SFF24N50N SSDI-SFF24N50N Datasheet
230Kb / 2P
24 AMP 500 Volts 0.23 OHM N-Channel POWER MOSFET
SFF24N50B SSDI-SFF24N50B Datasheet
216Kb / 2P
24 AMP / 500 Volts 0.23 OHM N-Channel POWER MOSFET
SFF420J SSDI-SFF420J Datasheet
195Kb / 2P
2.5 AMP 500 VOLTS 3.0 ohm N-Channel Power MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com