Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1580HS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1580HS
Description  2A MP1580 Step Down Switch Mode Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1580HS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1580HS Datasheet HTML 1Page - Monolithic Power Systems MP1580HS Datasheet HTML 2Page - Monolithic Power Systems MP1580HS Datasheet HTML 3Page - Monolithic Power Systems MP1580HS Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV0007
2A MP1580 Step Down
Switch Mode Converter
EVALUATION BOARD
Monolithic Power Systems
Figure 2: EV0007 Schematic
Sync
L1
5 V
R2E
R2A
RC
C1
U1
MP1580HS
1
2
3
4
5
6
7
8
BS
IN
SW
GND
FB
COMP
EN
SYNC
EN
J5
CC
R2D
R1
J3
VIN=4.75Vto 25V
CN2
1
2
3
4
1.8 V
C4
J6
1.22 V
CB
J1
3.3 V
2.5 V
CN1
1
2
3
4
J2
1.5 V
R2B
CCA
J4
D1
R2C
GND
VOUT
GND
Available Output Voltages (VOUT)
External
Power
Supply
- +
External
Load
Board Operation
This board is laid out to accommodate most commonly used Inductors and Output Capacitors and to
be programmed for most standard Output Voltages.
1)
Attach positive end of load to pin 1 = 2 and negative end of load to pin 3 = 4 of connector CN2.
2)
For the required output voltage (VOUT = 1.22, 1.5, 1.8, 2.5, 3.3 or 5V) solder blob the appropriate
J1 thru J6 jumper respectively.
3)
Attach input voltage (VIN) and input ground (GND) to Pin 1 and 2 of connector CN1 respectively.
Note VIN must be 4.75V < VIN < 25V.
4)
Pin 3 of CN1 is used to synchronize the internal oscillator frequency of the MP1580 to an external
source. The synchronization rate can be vary from 380KHZ (normal operation) to 600KHz. There
is an internal 11KΩ pull down resistor to GND therefore leave this pin unconnected if unused.
5)
Applying a voltage greater than 2.495V to pin 4 of CN1 enables the MP1580. Leave the input
unconnected if unused. An Under Voltage Lockout (UVLO) function can be implemented by the
addition of a resistor divider from VIN to GND. For complete low current shutdown its needs
to be less than 0.7V.
EV0007 Rev 1.5_08/14/02
www.monolithicpower.com
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com