Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7720DS Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7720DS
Description  20W Stereo Class D Single Ended Audio Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7720DS Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7720DS Datasheet HTML 1Page - Monolithic Power Systems MP7720DS Datasheet HTML 2Page - Monolithic Power Systems MP7720DS Datasheet HTML 3Page - Monolithic Power Systems MP7720DS Datasheet HTML 4Page - Monolithic Power Systems MP7720DS Datasheet HTML 5Page - Monolithic Power Systems MP7720DS Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
EV0030 – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EVALUATION BOARD
EV0030 Rev. 1.6
www.MonolithicPower.com
5
6/13/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
TYPICAL PERFORMANCE CHARACTERISTICS
25
20
15
10
5
0
5
101520253035
VDD (V)
MP7720-TPC10
POUT vs
VDD
100
90
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
30
OUTPUT POWER (W)
MP7720-TPC09
Efficiency vs
POUT
+4
+2
0
-2
-4
-6
-8
-10
20
10K
40K
1K
100
FREQUENCY (Hz)
MP7720-TPC08
Frequency Response
(Ref=2Vrms, AV=8.2)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
100
1K
10K
FREQUENCY (Hz)
MP7720-TPC07
0
-20
-40
-60
-80
-100
-120
-140
20
100
1K
10K
FREQUENCY (Hz)
MP7720-TPC06
FREQUENCY (Hz)
MP7720-TPC05
100
10
1
0.1
0.01
20
100
1K
10K
FREQUENCY (Hz)
MP7720-TPC04
POUT (W)
MP7720-TPC03
20
10
1
0.1
0.01
20
10
1
0.1
0.01
0.1
1
10
30
0.1
1
10
30
POUT (W)
MP7720-TPC02
f=1KHz
f=10KHz
f=10KHz
f=100Hz
f=100Hz
f=1KHz
100
10
1
0.1
0.01
20
100
1K
10K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com