Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1527DR Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1527DR
Description  2A, 1.3MHz Step-Up Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1527DR Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1527DR Datasheet HTML 1Page - Monolithic Power Systems MP1527DR Datasheet HTML 2Page - Monolithic Power Systems MP1527DR Datasheet HTML 3Page - Monolithic Power Systems MP1527DR Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV0034 – 2A, 1.3MHz STEP-UP CONVERTER
EVALUATION BOARD
EV0034 Rev. 1.1
www.MonolithicPower.com
2
2/16/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
SW
SW
PGND
EV0034_S01
PGND
COMP
EN
BP
EN
IN
IN
FAULT
GND
R6
NS
ENABLE
GND
J1
C2
4.7nF
C3
10nF
C8
10nF
C9
10nF
D1
MBR0520L
U1
MP1527
C1
NS
C5
NS
C7
NS
GND
IN
OUT
GND
Input
IC Power
Output
EV0034 BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer: P/N
3
C1, C5, C7
No Stuff
1
C2
4.7nF
Ceramic Capacitor, 50V, X7R
0805
AVX: 08055C472KAT2A
3
C3, C8, C9
10nF
Ceramic Capacitor, 50V, X7R
0805
AVX: 08055C103KAT2A
2
C4, C6
10µF
Ceramic Capacitor, 16V, X5R
1210
AVX: 1210YD106KAT2A
1
C10
1µF
Ceramic Capacitor, 16V, X7R
0603
TDK: C1608X7R1C105K
1
D1
Schottky Diode, 0.5A, 20V, SOD-123
SOD-123 Fairchild: MBR0520L
1
L1
5.0µH
Inductor, 2.9A
SMD
Sumida:
CDRH6D38-5R0NC
1
R1
5.6kΩ
Resistor, 5%
0805
Panasonic:
ERJ-6GEYJ562V
1
R2
90.9kΩ
Resistor, 1%
0805
Panasonic:
ERJ-6ENFJ9092V
1
R3
10kΩ
Resistor, 1%
0805
Panasonic:
ERJ-6ENFJ1002V
1
R4
100kΩ
Resistor, 5%
0805
Panasonic:
ERJ-6GEYJ104V
2
R5, R7
470kΩ
Resistor, 5%
0805
Panasonic:
ERJ-6GEYJ474V
1
R6
No Stuff
1
U1
Step-Up Converter, 2A, Fixed
Frequency
MPS: MP1527DR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com