Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1530 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1530
Description  Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1530 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1530 Datasheet HTML 1Page - Monolithic Power Systems MP1530 Datasheet HTML 2Page - Monolithic Power Systems MP1530 Datasheet HTML 3Page - Monolithic Power Systems MP1530 Datasheet HTML 4Page - Monolithic Power Systems MP1530 Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
EV0055 (MP1530) TRIPLE OUTPUT STEP-UP PLUS CHARGE PUMP FOR TFT BIAS
EVALUATION BOARD
EV0055 Rev. 1.3
www.MonolithicPower.com
2
8/22/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
MP1530
GL
EN
FB3
FB2
SW
12
13
14
15
16
11
10
9
8
7
6
5
4
3
2
1
CT
FB1
MP1530_S01
RDY
R6
93.1k
Ω
R3
6.8k
Ω
R7
10k
Ω
C19
NS
C21
NS
C20
NS
D2
NS
C3
10nF
R2
100k
Ω
R5
10k
Ω
R10
0
Ω
R4
68.1k
Ω
R8
205k
Ω
R11
0
Ω
R9
10k
Ω
R1
100k
Ω
C2
10nF
C12
0.1
µF
C16
0.1
µF
C7
0.1
µF
C6
1
µF
25V
C17
330pF
C18
330pF
C9
0.1
µF
U1
C13
1
µF
50V
C11
0.1
µF
C10
0.1
µF
C4
0.1
µF
C5
0.1
µF
D1
1N5819HW
D5
BAS40-04-7
D4
BAS40-04-7
D3
BAS40-04-7
L1
4.7
µF
2.3A
C1
10
µF
6.3V
C14
NS
C8
10
µF
25V
C15
NS
VIN
RDY
GND
VMAIN
GND
GND
VGH
VGL
EN
GND



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com