Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA5753 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA5753
Description  Audio processor - filter and control section
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA5753 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA5753 Datasheet HTML 1Page - NXP Semiconductors SA5753 Datasheet HTML 2Page - NXP Semiconductors SA5753 Datasheet HTML 3Page - NXP Semiconductors SA5753 Datasheet HTML 4Page - NXP Semiconductors SA5753 Datasheet HTML 5Page - NXP Semiconductors SA5753 Datasheet HTML 6Page - NXP Semiconductors SA5753 Datasheet HTML 7Page - NXP Semiconductors SA5753 Datasheet HTML 8Page - NXP Semiconductors SA5753 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Philips Semiconductors
Product specification
SA5753
Audio processor – filter and control section
2
1997 Nov 07
853-1722 18666
DESCRIPTION
The SA5753 is a high performance low power CMOS audio signal
processing system especially designed to meet the requirements for
small size and low voltage operation of hand-held equipment. The
SA5753 subsystem includes complementary transmit/receive voice
band (300-3000Hz), switched capacitor bandpass filters with
pre-emphasis and de-emphasis respectively, a transmit low pass
filter, peak deviation limiter for transmit, digitally controlled
attenuators for signal level and volume control, audio path mute
switches, a programmable DTMF generator, power-down circuitry
for low current standby, power-on reset capability, and an I2C
interface. When the SA5753 is used with an SA5752 (companding
function), the complete audio processing system of an AMPS,
TACS, NAMPS or NTACS cellular telephone is easily implemented.
The system also meets the requirements of the proposed NAMPS or
NTACS specification, and can be used in cordless telephone
applications.
The SA5753 can be operated without the I2C bus interface by
pulling DFT (Pin 13) HIGH.
BENEFITS
• Very compact application
• Long battery life in portable equipment
• Complete cellular audio function with the SA5752
APPLICATIONS
• Cellular radio
• Mobile communications
• High performance cordless telephones
• 2-way radio
PIN CONFIGURATION
TXBFIN
PREMPIN
VOXCTL
HPDN
DEMPOUT
AUDIOIN
DFT
CLKIN
GND
TX MUTE
TXOUT
DK Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
TXBFOUT
VDD
SPKROUT
EAROUT
DATAIN
SDA
SCL
RX MUTE
SA5753
RX DEMODIN
SR00666
Figure 1. Pin Configuration
FEATURES
• Low 3V supply
• Miniature SSOP package
• Low power
• High performance
• Built-in programmable DTMF generator
• Built-in digitally controlled attenuators for modulation and volume
control
• Built-in peak-deviation limiter
• I2C Bus controlled
• Power-on reset
• Power down capability
• Programmable mute control
• Meets AMPS/TACS/NAMPS/NTACS requirements
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Plastic Shrink Small Outline Package (SSOP)
-40 to +85
°C
SA5753DK
SOT266-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VDD
Power supply voltage range
-0.3 to 6
V
VIN
Voltage applied to any other pin
-0.3 to VDD+0.3
V
Storage temperature
-65 to +150
oC
TA
Ambient operating temperature
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com