Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1541 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1541
Description  1.3MHz Low Power LED Torch/Flash Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1541 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1541 Datasheet HTML 1Page - Monolithic Power Systems MP1541 Datasheet HTML 2Page - Monolithic Power Systems MP1541 Datasheet HTML 3Page - Monolithic Power Systems MP1541 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV0062 (MP1541) 1.3MHz LOW POWER TORCH/FLASH LED DRIVER
EVALUATION BOARD - INITIAL RELEASE
06/04, Rev. 1.0
www.MonolithicPower.com
2
EVALUATION BOARD SCHEMATIC
EV0062 BILL OF MATERIALS
Qty
Ref
Description
Package
Manufacturer P/N
Distributor P/N
(1)
1
C1
Ceramic Capacitor, 10uF,
10V, X5R
1210
Panasonic: ECJ-4YB1A106K
PCC2170CT-ND
1
C2
Ceramic Capacitor, 1uF,
16V, X5R
1206
Panasonic: ECJ-3YB1C105K
PCC1882CT-ND
1
D1
Schottky Diode, 0.5A, 20V
SOD-123
Fairchild: MBR0520L
MBR0520LCT-ND
1
L1
Inductor, 10uH, 1.7A
Sumida: CDRH6D28-100NC
1
Q1
N-Channel Mosfet, 60V, 3A
SOT23-6
Zetex: ZXMN6A08E6TA
ZXMN6A08E6CT-ND
1
U1
1.3MHz Boost Converter
SOT23-5
MPS: MP1541
1
R1
Resistor, 100kΩ, 5%
0603
Panasonic: ERJ-6ENF1003V
P100KCCT-ND
1
R2
Resistor, 470kΩ, 5%
0603
Panasonic: ERJ-6GEYJ474V
P470KACT-ND
1
R3
Resistor, 61.9Ω, 1%
0603
Panasonic: ERJ-6ENF61R9V
P61.9CCT-ND
1
R4
Resistor, 15.4Ω, 1%
0603
Panasonic: ERJ-6ENF15R4V
P15.4CCT-ND
1
LED1 Flash LED (2)
1
LED2 Flash LED (2)
1
LED3 Flash LED (2)
1
LED4 Flash LED (2)
Note
1) Distributor: Digikey
2) Not included with board.
VOUT
D1
MBR0520L
MP1541
SW
IN
51
3
4
2
FB
GND
EN
Q1
VIN
5V
EN
GND
GND
LED1
LED2
LED3
LED4
FLASH
EV0062_MP1541_SCH01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com