Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100000041 Datasheet(PDF) 2 Page - Turck, Inc.

Part # 100000041
Description  CODESYS 3 Programmable Gateway for the BL67 I/O System Multiprotocol Ethernet Gateway for PROFINET, EtherNet/IP and Modbus TCP with WebVisu License
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

100000041 Datasheet(HTML) 2 Page - Turck, Inc.

  100000041 Datasheet HTML 1Page - Turck, Inc. 100000041 Datasheet HTML 2Page - Turck, Inc. 100000041 Datasheet HTML 3Page - Turck, Inc. 100000041 Datasheet HTML 4Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com2 / 4
Modbus TCP
Addressing
Static IP, DHCP
Supported function codes
FC1, FC2, FC3, FC4, FC5, FC6, FC15, FC16, FC23
Input Data Size
max. 1024 register
Input register start address
0 (0x0000 hex)
Output Data Size
max. 1024 register
Output register start address
0 (0x0000 hex)
Ethernet/IP
Addressing
acc. to EtherNet/IP specification
Device Level Ring (DLR)
not supported
Input Data Size
248 INT
Output Data Size
248 INT
PROFINET
Addressing
DCP
Conformance class
B (RT)
MinCycleTime
1 ms
Diagnostics
acc. to PROFINET alarm handling
Topology detection
supported
Automatic addressing
supported
Media Redundancy Protocol (MRP)
not supported
Input Data Size
max. 512 BYTE
Output Data Size
max. 512 BYTE
Dimensions (W x L x H)
74 x 145 x 77.5 mm
Ambient temperature
-25…+70 °C
Temperature derating
> 55 °C Circulating air (Ventilation)
Derating: Max. power consumption = 5 A
> 55 °C Steady ambient air
Derating: Max. power consumption = 5 A
Storage temperature
-40…+85 °C
Relative humidity
15…95 % (internal), level RH-2, no condensation
(when stored at 45 °C)
Vibration test
Acc. to EN 61131
- up to 5 g (at 10 to 150 Hz)
for mounting on DIN rail no drilling according to EN
60715, with end bracket
- up to 20 g (at 10 up to 150 Hz)
for mounting on base plate or machinery Therefore
every second module has to be mounted with two
screws each.
Shock test
Acc. to IEC 60068-2-27
Drop and topple
acc. to IEC 68-2-31 and free fall to IEC 68-2-32
Electromagnetic compatibility
Acc. to EN 61131-2
Protection class
IP67
MTTF
116 years acc. to SN 29500 (Ed. 99) 20 °C
DIN rail mounting
yes, Attention: Offset
Direct mounting
Two mounting holes, Ø 6 mm
Included in delivery
1 x end plate BL67



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com