Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1517DR Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1517DR
Description  3.3V, 1A Sepic Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1517DR Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1517DR Datasheet HTML 1Page - Monolithic Power Systems MP1517DR Datasheet HTML 2Page - Monolithic Power Systems MP1517DR Datasheet HTML 3Page - Monolithic Power Systems MP1517DR Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV1517DR-00B – 3.3V, 1A SEPIC EVALUATION BOARD
EV1517DR-00B Rev. 1.0
www.MonolithicPower.com
2
12/21/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
C5
10nF
C3
4.7nF
C6
NS
U1
VIN
3V - 4.2V
GND
EN
GND
C4
10nF
VOUT
GND
EV1517_S01
3.3V/1A
D1
B340A-13
3A
T1
DRQ125-3R3
D2
1N4148
MP1517
IN
FB
COMP
SW
SW
10
8
9
16
1
12
11
13
5
7
3
15
4
SGND SGND
PGND PGND
EN
SS
BP
OLS
EV1517DR-00B BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacturer Manufacturer P/N
2
C1A, C1B
10µF Ceramic Cap, 6.3V, X5R
1210
TDK
C3225X5R1A106K
2
C2A, C2B
22µF Ceramic Cap, 6.3V, X7R
1210
TDK
C3225X5R0J226M
1
C3
4.7nF Ceramic Cap, 50V, X7R
0805
Panasonic
ECJ-2VB1H472K
2
C4, C5
10nF
Ceramic Cap, 50V, X7R
0805
TDK
C2012X7R1H103K
1
C6
Do Not Stuff
1
C7
1uF
Ceramic Cap, 10V, X5R
0805
TDK
C2012X5R1A105K
1
C8
4.7uF Ceramic Cap, 10V, X5R
0805
Panasonic
ECJ-2FB1A475K
1
D1
Schottky Diode, 40V, 3A, SMA
Diodes Inc
B340LA-13-F
1
D2
Rectifier Diode, 75V, 200mW,
SOD-323
Diodes Inc
1N4148WS-7
1
R1
37.4KΩ Film Resistor, 1%
0805
Panasonic
ERJ-6ENF3742V
1
R2
10KΩ Film Resistor, 1%
0805
Panasonic
ERJ-6ENF1002V
1
R3
5.1KΩ Film Resistor, 5%
0805
Panasonic
ERJ-6GEYJ512V
1
R4
100KΩ Film Resistor, 5%
0805
Panasonic
ERJ-6GEYJ104V
1
T1
3.3uH Coupled Inductors, 4.63A, SMD
Cooper
DRQ125-3R3
1
U1
DC-DC Converter
MPS
MP1517DR



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com