Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1519DQL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1519DQL
Description  1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver Evaluation Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1519DQL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1519DQL Datasheet HTML 1Page - Monolithic Power Systems MP1519DQL Datasheet HTML 2Page - Monolithic Power Systems MP1519DQL Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EV1519DQL-00A – 1X, 1.5X, 2X CHARGE PUMP 3 WHITE LED DRIVER EV BOARD
EV1519DQL-00A Rev. 1.1
www.MonolithicPower.com
2
10/27/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
MP1519DQL
C2B
GND
RADJ
EN
16
U1
15
14
13
12
1
3
2
4
11
10
9
56
7
8
NC
NC
GND
C1A
VIN
TP1
LED3
LED2
LED1
GND
EN
EV1519DQL_S01
Note: Connect the exposed pad to the LEDC pin.
EV1519DQL-00A BILL OF MATERIALS
Qty
Ref
Value Description
Package
Manufacturer
Manufacturer P/N
2
C1, C2
1µF
Ceramic Cap., 10V, X7R
0805
TDK
C2012X7R1A105K
2
C3, C4
4.7µF Ceramic Cap., 6.3V, X5R
0805
TDK
C2012X5R0J475K
3
LED1,
LED2,
LED3
Not Stuffed
1
R1
1.54kΩ Resistor, 1%
0805
Panasonic
ERJ-6ENF1541V
1
R2
100kΩ Resistor, 5%
0805
Panasonic
ERJ-6GEYJ104V
3
R3, R4,
R5
0Ω
Resistor, 5%
0805
Yageo
9C08052A0R00JLHFT
1
U1
MP1519DQL
QFN16
(3x3)
MPS
MP1519DQL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com