Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2112DQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2112DQ
Description  1A, 1MHz Synchronous Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2112DQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2112DQ Datasheet HTML 1Page - Monolithic Power Systems MP2112DQ Datasheet HTML 2Page - Monolithic Power Systems MP2112DQ Datasheet HTML 3Page - Monolithic Power Systems MP2112DQ Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2112DQ-00A – 1A, 1MHz SYNCHRONOUS STEP-DOWN CONVERTER
EVALUATION BOARD
EV2112DQ-00A Rev. 1.0
www.MonolithicPower.com
2
3/17/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
MP2112
EN
SW
FB
GND
VINB
2
1
3
6
5
4
VINA
EV2112_S01
EN
VOUT
1.8V @ 1A
GND
VIN
GND
C3
1nF
U1
EV2112DQ-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
Ceramic Cap., 10V, X7R
1206
C1206C106K8RAC
Ceramic Cap., 10V, X7R
1210
KEMET
C1210C106K8RAC
Ceramic Cap., 10V, X7R
1210
AVX
1210ZC106KAT2A
1
C1
10µF
Ceramic Cap., 10V, X5R
1210
TDK
C3225X5R1A106K
1
C2
22µF
Ceramic Cap, 6.3V, X5R
1210
TDK
C3225X5R0J226M
1
C3
1nF
Ceramic Cap., 50V, X7R
0805
TDK
C2012X7R1H102K
4.7µH, 2A, D63CB
SMD
TOKO
A916CY-4R7M
4.7µH, 1.87A, D53LC
SMD
TOKO
A915AY-4R7M
1
L1
4.7µH
4.7µH, 1.6A, CDC5D23
SMD
Sumida
CDC5D23B-4R7MC
1
R1
499kΩ
Resistor, 1%
0805
Panasonic
ERJ-6ENF4993V
1
R2
249kΩ
Resistor, 1%
0805
Panasonic
ERJ-6ENF2493V
1
R3
220kΩ
Resistor, 5%
0805
Panasonic
ERJ-6GEYJ224V
1
U1
MP2112 DC-DC Converter
QFN6
MPS
MP2112DQ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com