Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2303DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2303DN
Description  3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2303DN Datasheet HTML 1Page - Monolithic Power Systems MP2303DN Datasheet HTML 2Page - Monolithic Power Systems MP2303DN Datasheet HTML 3Page - Monolithic Power Systems MP2303DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2303DN-00A – 3A, 28V, 340KHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
EVALUATION BOARD
EV2303DN-00A Rev. 1.1
www.MonolithicPower.com
2
2/13/2006
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2006 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
EN
SS
VIN
GND
SW
D1
NS
C3
4.7nF
C4
NS
VOUT
GND
EV2303_S01
C7
NS
R5
NS
C1
10nF
MP2303
U1
BS
IN
SW
GND
8
7
6
5
1
2
3
4
SS
EN
COMP
FB
C10
470pF
EV2303DN-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
1
C1
10nF
Ceramic Capacitor, 50V, X7R
0603
Any
2
C2 C8
10µF
Ceramic Capacitor, 35V, X7R
1210
Holystone
C1210X106M035T
1
C3
4.7nF
Ceramic Capacitor, 50V, X7R
0603
Any
2
C4 C7
Open
2
C5 C9
22µF
Ceramic Capacitor, 16V, X5R
1210
Taiyo Yuden
EMK325BJ226MM
1
C6
0.1µF
Ceramic Capacitor, 50V, X7R
0805
Any
1
C10
470pF Ceramic Capacitor, 50V, X7R
0805
Any
1
D1
Open
1
L1
10µH
Inductor, 4.45A
SMD
Sumida
CDRH105R-100NC
1
R1
30.9kΩ Resistor, 1%
0603
Any
1
R2
4.42kΩ Resistor, 1%
0603
Any
1
R3
10kΩ
Resistor, 1%
0603
Any
1
R4
100kΩ Resistor, 5%
0603
Any
1
R5
Open
1
U1
Synchronous Step-Down Converter
SO8
MPS
MP2303DN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com