Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2305DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2305DS
Description  4.75V to 23V IN, 2A OUT Synchronous Buck Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2305DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2305DS Datasheet HTML 1Page - Monolithic Power Systems MP2305DS Datasheet HTML 2Page - Monolithic Power Systems MP2305DS Datasheet HTML 3Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EV2305DS-00A – 4.75V TO 23V IN, 2A OUT SYNCHRONOUS BUCK CONVERTER
EVALUATION BOARD
EV2305DS-00A Rev. 1.5f
www.MonolithicPower.com
2
9/14/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
MP2305
FB
COMP
EN
SS
1
2
3
4
8
7
6
5
BS
IN
SW
GND
R5
OPEN
C5
OPEN
D1
OPEN
C1
10nF
U1
C8
OPEN
C4
OPEN
C3
3.3nF
C7
OPEN
VOUT
3.3V/2A
SW
VIN
4.75V to 23V
SS
EN
EV2305_S01
EV2305DS-00A BILL OF MATERIALS
Item
Qty
Ref
Value
Description
Package Manufacturer Part Number
1
1
C1
10nF
Ceramic Cap, 50V, X7R
SM0805
AVX
08055C103KAT2A
2
1
C2
10µF
Ceramic Cap, 25V, X5R
SM1210
AVX
12103D106KAT2A
3
1
C3
3.3nF
Ceramic Cap, 50V, X7R
SM0805
AVX
08055C332KAT2A
4
4
C4, C5
C7, C8
OPEN
Not Stuffed
5
1
C6
0.1µF
Ceramic Cap, 50V, X7R
SM0805
AVX
08055C104KAT2A
6
1
C9
22µF
Ceramic Cap, 16V, X5R
SM1210
AVX
1210YD226KAT2A
7
1
D1
Do Not Stuff
8
1
L1
10µH
Inductor, 2.5A
SMD
Sumida
CDRH8D28
9
1
R1
26.1kΩ
Resistor, 1%
SM0805
Panasonic
ERJ-6ENF2612V
10
1
R2
5.6kΩ
Resistor, 5%
SM0805
Panasonic
ERJ-6GEYJ562V
11
1
R3
10kΩ
Resistor, 1%
SM0805
Panasonic
ERJ-6ENF1002V
12
1
R4
100kΩ
Resistor, 5%
SM0805
Panasonic
ERJ-6GEYJ104V
13
1
R5
OPEN
Not Stuffed
SM0805
14
1
U1
DC-DC Converter
SO8
MPS
MP2305DS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com