Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2307DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2307DN
Description  3A, 23V, 340KHz Synchronous Step-Down Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2307DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2307DN Datasheet HTML 1Page - Monolithic Power Systems MP2307DN Datasheet HTML 2Page - Monolithic Power Systems MP2307DN Datasheet HTML 3Page - Monolithic Power Systems MP2307DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV2307DN-00A – 3A, 23V, 340KHz SYNCHRONOUS STEP-DOWN CONVERTER
EVALUATION BOARD – INITIAL RELEASE
EV2307DN-00A Rev. 1.1f
www.MonolithicPower.com
2
9/14/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
EVALUATION BOARD SCHEMATIC
EN
SS
VIN
GND
D1
B130LAW-7
(optional)
C3
3.3nF
C4
NS
VOUT
3.3V / 3A
GND
EV2307_S01
C7
NS
R5
NS
C1
10nF
MP2307
U1
BS
IN
SW
GND
8
7
6
5
1
2
3
4
SS
EN
COMP
FB
EV2307DN-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
10nF
Ceramic Cap, 50V, X7R
SM0805
TDK
C2012X7R1H103K
2
C2, C8
10µF
Ceramic Cap, 25V, X7R
SM1210
TDK
C3225X7R1E106M
1
C3
3.3nF
Ceramic Cap, 50V, X7R
SM0805
Panasonic
ECJ-2VB1H332K
2
C4, C7
NS
Not Stuffed
2
C5, C9
22µF
Ceramic Cap, 16V, X5R
SM1210
TDK
C3225X5R1C226M
1
C6
0.1µF
Ceramic Cap, 50V, X7R
SM0805
TDK
C2012X7R1H104K
1
D1
Diode Schottky, 30V, 1A
SOD-123 Diodes Inc
B130LAW-7
1
L1
10µH
Inductor, 4A
SMD
Sumida
CDR8D43
1
R1
26.1kΩ
Resistor, 1%
SM0805
Any
1
R2
5.6kΩ
Resistor, 5%
SM0805
Any
1
R3
10kΩ
Resistor, 1%
SM0805
Any
1
R4
100kΩ
Resistor
SM0805
Any
1
R5
NS
Not Stuffed
1
U1
Step-Down Converter
SO8
MPS
MP2307DN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com