Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HK-1608-R12JTK Datasheet(PDF) 21 Page - Kemet Corporation

Part # HK-1608-R12JTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

HK-1608-R12JTK Datasheet(HTML) 21 Page - Kemet Corporation

Back Button HK-1608-R12JTK Datasheet HTML 17Page - Kemet Corporation HK-1608-R12JTK Datasheet HTML 18Page - Kemet Corporation HK-1608-R12JTK Datasheet HTML 19Page - Kemet Corporation HK-1608-R12JTK Datasheet HTML 20Page - Kemet Corporation HK-1608-R12JTK Datasheet HTML 21Page - Kemet Corporation HK-1608-R12JTK Datasheet HTML 22Page - Kemet Corporation HK-1608-R12JTK Datasheet HTML 23Page - Kemet Corporation HK-1608-R12JTK Datasheet HTML 24Page - Kemet Corporation HK-1608-R12JTK Datasheet HTML 25Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
21
100
Features:
Applications:
• Small and low profile inductor
• For small DC/DC converter; cellular phones,
• Corresponds to high current
HDD, HVC, DSC, and PDA LCD display
• Simple and original magnetic shield structure
Operating Temperature:
• Structure strong against shock-proof
• -25ºC to +120ºC (including self-generated heat)
KEMET Designator
Inductance
Examples: 2R2 = 2.2μH
100 = 10μH
101 = 100μH
Inductance Tolerance
M = ±20%, N = 30%
Type
NR- = Coating resin specification
Case Size
3010, 4010, 4012, 4018, 6012, 8040
Packaging Code
T = Tape & Reel
NR-
4012
T
M
K
Dim.
Code
L
Length
(inches)
W
Width
(inches)
T
Thickness Maximum
(inches)
E
(inches)
F
3010
3.0 ±0.1
(0.118 ±0.004)
3.0 ±0.1
(0.118 ±0.004)
1.0 max.
(0.039 max.)
0.9 ±0.2
(0.035 ±0.008)
1.9 ±0.2
(0.075 ±0.008)
4010
4.0 ±0.2
(0.157 ±0.008)
4.0 ±0.2
(0.157 ±0.008)
1.0 max.
(0.039 max.)
1.1 ±0.2
(0.043 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
4012
4.0 ±0.2
(0.157 ±0.008)
4.0 ±0.2
(0.157 ±0.008)
1.2 max.
(0.047 max.)
1.1 ±0.2
(0.043 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
4018
4.0 ±0.2
(0.157 ±0.008)
4.0 ±0.2
(0.157 ±0.008)
1.2 max.
(0.047 max.)
1.1 ±0.2
(0.043 ±0.008)
2.5 ±0.2
(0.098 ±0.008)
6012
6.0 ±0.2
(0.236 ±0.008)
6.0 ±0.2
(0.236 ±0.008)
1.2 max.
(0.047 max.)
1.0 ±0.2
(0.039 ±0.008)
4.8 ±0.2
(0.189 ±0.008)
8040
8.0 ±0.2
(0.315 ±0.008)
8.0 ±0.2
(0.315 ±0.008)
4.2 max
(0.165 max)
1.6 ±0.3
(0.063 ±0.012)
5.6 ±0.3
(0.220 ±0.012)
Low Profile SMD Inductors (NR Series)
Part Numbering Table
Dimension Table in millimeters (inches)
-
(-) Required to complete Part Number
L
W
H
E
E
F
Dimensions 3.0mm x 3.0mm (NR3010 Type, 1.0mm Max. Height)
Ordering code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Heigh (mm)
Tape & Reel Packaging
Quantity
NR-3010T1R0N-K
1.0
±30%
100
126
0.065
1300
1.0
2,000
NR-3010T1R5N-K
1.5
±30%
100
98
0.08
1200
1.0
2,000
NR-3010T2R2M-K
2.2
±20%
100
82
0.095
1100
1.0
2,000
NR-3010T3R3M-K
3.3
±20%
100
63
0.14
870
1.0
2,000
NR-3010T4R7M-K
4.7
±20%
100
56
0.19
750
1.0
2,000
NR-3010T6R8M-K
6.8
±20%
100
46
0.30
610
1.0
2,000
NR-3010T100M-K
10
±20%
100
35
0.45
500
1.0
2,000
NR-3010T150M-K
15
±20%
100
30
0.74
400
1.0
2,000
NR-3010T220M-K
22
±20%
100
25
1.03
350
1.0
2,000
NR-3010T330M-K
33
±20%
100
20
1.55
260
1.0
2,000
NR-3010T470M-K
47
±20%
100
17
2.05
220
1.0
2,000
Dimensions 4.0mm x 4.0mm (NR4010 Type, 1.0mm Max. Height)
Ordering code
Inductance (μH)
Inductance
Tolerance
Measuring
Frequency
(KHz)
Minimum
Self-resonant
Frequency
(MHz)
Maximum DC Resistance
(
Ω
Ω) ±30%
Maximum
Rated
Current (mA)
Maximum
Height
(mm)
Tape & Reel
Packaging Quantity
NR-4010T1R0N-K
1.0
±30%
100
116
0.10
1050
1.0
5,000
NR-4010T2R2M-K
2.2
±30%
100
73
0.15
890
1.0
5,000
NR-4010T3R3M-K
3.3
±20%
100
58
0.18
820
1.0
5,000
NR-4010T4R7M-K
4.7
±20%
100
47
0.21
750
1.0
5,000
NR-4010T6R8M-K
6.8
±20%
100
38
0.30
620
1.0
5,000
NR-4010T100M-K
10
±20%
100
31
0.38
560
1.0
5,000
NR-4010T150M-K
15
±20%
100
24
0.51
470
1.0
5,000
NR-4010T220M-K
22
±20%
100
19
0.87
360
1.0
5,000
NR-4010T330M-K
33
±20%
100
15
1.54
280
1.0
5,000
NR-4010T470M-K
47
±20%
100
13
1.81
240
1.0
5,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com