Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HK-1608-R33JTK Datasheet(PDF) 29 Page - Kemet Corporation

Part # HK-1608-R33JTK
Description  Surface Mount Ferrite Products
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

HK-1608-R33JTK Datasheet(HTML) 29 Page - Kemet Corporation

Back Button HK-1608-R33JTK Datasheet HTML 24Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 25Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 26Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 27Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 28Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 29Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 30Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 31Page - Kemet Corporation HK-1608-R33JTK Datasheet HTML 32Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
© KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300
29
Ordering Code
Impedance
(
Ω
Ω) ±25%
Measuring Frequency
(MHz)
Maximum DC
Resistance (
Ω
Ω)
Maximum Rated
Current (mA)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
BK-2125HS150TK
15
100
0.05
1200
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS220TK
22
100
0.05
1200
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS330TK
33
100
0.05
1200
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS470TK
47
100
0.05
1000
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS750TK
75
100
0.10
1000
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS101TK
100
100
0.10
900
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS121TK
120
100
0.15
800
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS241TK
240
100
0.20
600
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS431TK
430
100
0.25
500
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS601TK
600
100
0.30
500
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HS102TK
1000
100
0.40
300
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HM121TK
120
100
0.15
800
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HM241TK
240
100
0.20
600
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HM471TK
470
100
0.25
500
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HM601TK
600
100
0.25
500
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125HM102TK
1000
100
0.35
400
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125LL560TK
56
100
0.20
600
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125LL121TK
120
100
0.30
400
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125LL241TK
240
100
0.35
300
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125LM751TK
750
100
0.30
400
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125LM152TK
1500
100
0.35
400
0.85 ±0.2 (0.033 ±0.008)
4,000
BK-2125LM182TK
1800
100
0.45
300
1.25 ±0.2 (0.049 ±0.008)
2,000
BK-2125LM252TK
2500
100
0.75
200
1.25 ±0.2 (0.049 ±0.008)
2,000
Ordering Code
Impedance
(
Ω
Ω)+25%
Measuring Frequency
(MHz)
Maximum DC
Resistance (
Ω
Ω)
Maximum Rated
Current (mA)
Thickness mm (inches)
Tape & Reel
Packaging Quantity
BKP2125HS330TK
33
100
0.020
4000
0.85 ±0.2 (0.033 ±0.008)
4,000
BKP2125HS600TK
60
100
0.025
3000
0.85 ±0.2 (0.033 ±0.008)
4,000
BKP2125HS101TK
100
100
0.040
2500
0.85 ±0.2 (0.033 ±0.008)
4,000
BKP2125HS221TK
220
100
0.050.
2000
0.85 ±0.2 (0.033 ±0.008)
4,000
0805 Multilayer Ferrite Chip Beads Standard Type (BK Series)
0805 Multilayer Ferrite Chip Beads For Power Lines (BKP Series)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com