Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFFC50M Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFFC50M
Description  11 AMP 600 VOLTS 0.6ohm N-Channel Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFFC50M Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFFC50M Datasheet HTML 1Page - Solid States Devices, Inc SFFC50M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFFC50M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFFC50 SSDI-SFFC50 Datasheet
195Kb / 2P
11 AMP 600 VOLTS 0.6ohm N-Channel Power MOSFET
More results

Similar Description - SFFC50M

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF20N60M SSDI-SFF20N60M Datasheet
239Kb / 2P
20 AMP / 600 Volts 0.40 ohm N-Channel Power MOSFET
SFF20N60N SSDI-SFF20N60N Datasheet
220Kb / 2P
20 AMP / 600 Volts 0.40 ohm N-Channel Power MOSFET
SFF20N60B SSDI-SFF20N60B Datasheet
216Kb / 2P
20 AMP 600 Volts 0.35 ohm N-Channel Power MOSFET
SFF11N80 SSDI-SFF11N80 Datasheet
147Kb / 3P
11 AMP / 800 Volts 0.95 廓 N-Channel MOSFET
SFF11N80N SSDI-SFF11N80N Datasheet
222Kb / 2P
11 AMP / 800 Volts 0.95 ohm N-Channel Power MOSFET
SFF11N80B SSDI-SFF11N80B Datasheet
202Kb / 2P
11 AMP / 800 Volts 0.95 ohm N-Channel Power MOSFET
SFF16N60NC SSDI-SFF16N60NC Datasheet
332Kb / 2P
16.5 AMP / 600 Volts 0.40 ohm N-Channel Power MOSFET
SFFC50 SSDI-SFFC50 Datasheet
195Kb / 2P
11 AMP 600 VOLTS 0.6ohm N-Channel Power MOSFET
SFFC40-28 SSDI-SFFC40-28 Datasheet
217Kb / 2P
4.2 AMP 600 VOLTS 1.2ohm N-Channel Power MOSFET
logo
ON Semiconductor
NDF04N60Z ONSEMI-NDF04N60Z Datasheet
156Kb / 8P
N-Channel Power MOSFET 1.8 , 600 Volts
June, 2009 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com