Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3563 Datasheet(PDF) 3 Page - EPCOS

Part # B3563
Description  SAW Components Low-loss Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3563 Datasheet(HTML) 3 Page - EPCOS

  B3563 Datasheet HTML 1Page - EPCOS B3563 Datasheet HTML 2Page - EPCOS B3563 Datasheet HTML 3Page - EPCOS B3563 Datasheet HTML 4Page - EPCOS B3563 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Oct 09, 2002
SAW Components
B3563
864,00 MHz
Low-loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= 0 ... 40 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
864,00
—
MHz
Maximum insertion attenuation
α
max
862,50 ... 865,50 MHz
—
4,0
6,0
dB
Amplitude ripple
∆α
862,50 ... 865,50 MHz
—
1,5
2,5
dB
Relative attenuation (relative to
α
max)
α
rel
841,60 ... 843,60 MHz
40,0
44,0
—
dB
852,30 ... 853,30 MHz
30,0
38,0
—
dB
879,00 ... 915,00 MHz
30,0
38,0
—
dB
Temperature coefficient of frequency
TCf
—
–30
—
ppm/K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com