Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3571 Datasheet(PDF) 4 Page - EPCOS

Part # B3571
Description  SAW Components Low-loss Filter 868,60 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3571 Datasheet(HTML) 4 Page - EPCOS

  B3571 Datasheet HTML 1Page - EPCOS B3571 Datasheet HTML 2Page - EPCOS B3571 Datasheet HTML 3Page - EPCOS B3571 Datasheet HTML 4Page - EPCOS B3571 Datasheet HTML 5Page - EPCOS B3571 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
May 09, 2001
SAW Components
B3571
868,60 MHz
Low-loss Filter
Data Sheet
Matching network to 50
Ω (element values depend on pcb layout and equivalent circuit)
Cp1 = 3,3 pF
Ls2 = 15 nH
Ls3 = 15 nH
Cp4 = 3,3 pF
Minimising the crosstalk
For a good ultimate rejection a low crosstalk is necessary. Low crosstalk can be realised with
a good RF layout.
Grounding pins for input transducer are pin 1,3 and for output transducer 5,7. Close to those
pins via holes (through holes) should be placed to achieve a low impedance path to system
ground. If a grounding plane at the top side of the PCB is present, the grounding plane can be
connected to pin 1,3,5,7 at the top side too.
The optimised PCB layout, including matching network for transformation to 50 Ohm, is shown
here.
Optimised PCB layout for SAW filters in QCC8C package, pinning 2,6 (top side, scale 1:1)
The bottom side is a copper plane (system ground area).
For good contact of the upper grounding area with the lower side it is necessary to place
enough via holes.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com