Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3572 Datasheet(PDF) 4 Page - EPCOS

Part # B3572
Description  SAW Components Low-loss Filter 868,95 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3572 Datasheet(HTML) 4 Page - EPCOS

  B3572 Datasheet HTML 1Page - EPCOS B3572 Datasheet HTML 2Page - EPCOS B3572 Datasheet HTML 3Page - EPCOS B3572 Datasheet HTML 4Page - EPCOS B3572 Datasheet HTML 5Page - EPCOS B3572 Datasheet HTML 6Page - EPCOS B3572 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Mar 10, 2004
SAW Components
B3572
868,95 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = –45 ... 90 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
2) Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to
source- and to load impedance (here 50 Ohm). After the SAW filter is removed and input imped-
ance into the input matching / output matching network is calculated.
The conjugate complex value of these characteristic impedances are the input and output imped-
ances for flat passband. For more details, we refer to EPCOS application note #4.
min.
typ.
max.
Center frequency
fC
—
868,95
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
868,70 ... 869,20 MHz
—
2,7
4,7
dB
Pass band (relative to
α
min)
868,70 ... 869,20 MHz
—
1,0
3,0
dB
868,60 ... 869,30 MHz
—
1,5
6,0
dB
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 700,00 MHz
50
55
—
dB
700,00 ... 830,00 MHz
35
45
—
dB
830,00 ... 850,60 MHz
32
40
—
dB
850,60 ... 865,62 MHz
25
30
—
dB
871,60 ... 875,10 MHz
11
16
—
dB
875,10 ... 883,60 MHz
22
27
—
dB
883,60 ... 900,00 MHz
30
35
—
dB
900,00 ...1000,00 MHz
35
40
—
dB
Impedance for pass band matching 2)
Input:
ZIN
=
RIN
||
CIN
—
200 || 2,40
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
200 || 2,40
—
Ω || pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com