Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA611 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA611
Description  1GHz low voltage LNA and mixer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA611 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA611 Datasheet HTML 8Page - NXP Semiconductors SA611 Datasheet HTML 9Page - NXP Semiconductors SA611 Datasheet HTML 10Page - NXP Semiconductors SA611 Datasheet HTML 11Page - NXP Semiconductors SA611 Datasheet HTML 12Page - NXP Semiconductors SA611 Datasheet HTML 13Page - NXP Semiconductors SA611 Datasheet HTML 14Page - NXP Semiconductors SA611 Datasheet HTML 15Page - NXP Semiconductors SA611 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Philips Semiconductors
Product specification
SA611
1GHz low voltage LNA and mixer
1999 Mar 26
13
Table 2.
Typical S-Parameters of LNA at 3V
LNA
Freq (MHz)
|S11|
(U)
<S11 (deg)
|S21|
(U)
<S21 (deg)
|S12|
(U)
<S12 (deg)
|S22|
(U)
<S22
(deg)
100
0.86
-20
7.4
160
0.001
91.91
0.59
-9.62
122
0.86
-24
7.1
156
0.001
62
0.58
-11.71
144
0.85
-28
7.0
151
0.001
105.42
0.58
-13.86
166
0.83
-32
6.9
148
0.000
91.65
0.57
-15.89
188
0.82
-36
6.8
144
0.002
100.23
0.57
-17.80
210
0.81
-41
6.7
140
0.002
73.57
0.56
-20.05
232
0.80
-45
6.6
136
0.002
99.70
0.55
-22.37
254
0.79
-48
6.5
133
0.001
84.00
0.54
-24.60
276
0.78
-52
6.4
130
0.001
103.18
0.53
-26.89
298
0.76
-56
6.3
126
0.002
94.33
0.52
-28.72
320
0.75
-59
6.3
123
0.002
66.98
0.51
-30.98
342
0.73
-63
6.2
119
0.002
108.53
0.50
-32.79
364
0.71
-66
6.1
116
0.002
118.13
0.48
-34.68
386
0.70
-69
6.0
113
0.001
103.4
0.47
-36.06
408
0.69
-72
5.9
111
0.001
175.94
0.46
-36.64
430
0.68
-76
5.9
109
0.004
174.1
0.45
-37.21
452
0.69
-78
6.0
106
0.006
162.02
0.46
-38.41
474
0.68
-82
6.1
102
0.007
160.07
0.47
-41.54
496
0.67
-85
6.1
97
0.008
153.6
0.47
-45.75
518
0.66
-89
6.1
93
0.010
146.17
0.46
-50.35
540
0.65
-92
6.1
89
0.009
142.13
0.45
-54.73
562
0.63
-96
6.1
85
0.010
138.49
0.43
-59.16
584
0.62
-99
6.0
81
0.011
146.17
0.42
-63.93
606
0.62
-102
5.9
77
0.011
140.55
0.40
-68.56
628
0.61
-104
5.8
72
0.013
137.2
0.38
-73.48
650
0.61
-107
5.7
69
0.013
130.62
0.36
-78.19
672
0.60
-109
5.7
65
0.016
129.77
0.34
-83.75
694
0.60
-112
5.6
61
0.016
131.94
0.31
-89.81
716
0.59
-115
5.5
57
0.017
128.67
0.29
-96.92
738
0.59
-118
5.5
53
0.019
127.53
0.27
-104.48
760
0.59
-121
5.3
48
0.021
123.42
0.24
-112.81
782
0.59
-124
5.3
44
0.021
122.31
0.22
-122.41
804
0.59
-126
5.1
40
0.022
119.52
0.21
-132.81
826
0.59
-129
5.0
36
0.024
118.29
0.19
-145.39
848
0.59
-132
4.9
31
0.026
115.98
0.18
-159.13
870
0.59
-135
4.8
26
0.027
111.9
0.17
-175.11
892
0.59
-138
4.6
22
0.028
108.11
0.18
169.02
914
0.59
-142
4.5
18
0.028
105.92
0.19
154.96
936
0.59
-144
4.3
14
0.028
106.13
0.20
141.94
958
0.59
-148
4.2
9
0.030
99.79
0.22
130.27
980
0.59
-151
4.0
4
0.031
99.30
0.24
119.5
1002
0.59
-153
3.8
0
0.031
94.81
0.26
110.61
1024
0.59
-157
3.6
-2
0.032
90.91
0.28
102.16
1046
0.59
-160
3.5
-6
0.032
85.65
0.30
94.98
1068
0.59
-164
3.3
-10
0.033
86.10
0.33
88.45
1090
0.59
-167
3.2
-14
0.033
80.59
0.35
82.47
1112
0.59
-170
3.0
-18
0.031
79.18
0.36
77.17
1134
0.58
-172
2.8
-22
0.030
46.32
0.38
71.98
1156
0.58
-175
2.7
-25
0.031
78.57
0.39
67.45
1178
0.57
-178
2.5
-28
0.031
73.66
0.41
62.73
1200
0.57
178
2.4
-31
0.029
71.78
0.42
58.87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com