Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF60P05M Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFF60P05M
Description  -60 AMP/-50 Volts 33 mW P-Channel POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF60P05M Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFF60P05M Datasheet HTML 1Page - Solid States Devices, Inc SFF60P05M Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF60P05M
SFF60P05Z
Electrical Characteristics
4/
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
(VGS = 0V, ID = 250µA)
BVDSS
-50
––
––
Volts
Drain to Source On State Resistance
(VGS = -10V, ID = 60A)
RDS(on)
––
––
0.033
Ω
On State Drain Current
(VDS > ID(on) x RDS(on) Max, VGS = -10V)
RDS(on)
––
––
––
Amps
Gate Threshold Voltage
(VDS = VGS, ID = -250µA)
VGS(th)
-2.0
––
-4.0
Volts
Forward Transconductance
(VDS > ID(on) x RDS(on) Max, IDs = 60% of Rated ID)
gfs
––
––
––
S
Zero Gate Voltage Drain Current
(VDS = Max Rated Voltage, VGS = 0V)
(VDS = 80% Rated VDS, VGS = 0V)
TA = 25
oC
TA = 125
oC
IDSS
––
––
––
––
1
50
µA
Gate to Source Leakage (For
Gate to Source Leakage
At Rated VGS
IGSS
––
––
––
––
-100
100
µA
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = -10V
VDD = 40V
ID = 60A
RL = 0.67Ω
Qg
Qgs
Qgd
––
––
––
––
––
––
450
225
15
nC
t(on)
td(on)
tr
––
––
––
––
20
70
125
––
––
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VDD = 50% Rated VDS
50% Rated ID
IG1 = IG2 = 2A
RL = 0.83Ω
VGS(clamp) = -10V/+0.6V
t(off)
td(off)
tf
––
––
––
––
65
20
125
––
––
ns
Diode Forward Voltage
IS = Rated ID
VGS = 0V
TJ = 25ºC
VSD
––
––
-1.9
Volts
Diode Reverse Recovery Time
IF = 10A
di/dt = 100A/usec
trr
Qrr
––
––
140
––
200
––
ns
µC
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = -25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
6000
1800
500
––
––
––
pF
Available Part Numbers:
SFF60P05M, SFF60P05MUB, SFF60P05MDB;
SFF60P05Z, SFF60P05ZUB, SFF60P05ZDB
PIN ASSIGNMENT (Standard)
Package
Drain
Source
Gate
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254Z (Z)
Pin 1
Pin 2
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com