Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3577 Datasheet(PDF) 3 Page - EPCOS

Part # B3577
Description  SAW Components Low-loss Filter 311,06 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3577 Datasheet(HTML) 3 Page - EPCOS

  B3577 Datasheet HTML 1Page - EPCOS B3577 Datasheet HTML 2Page - EPCOS B3577 Datasheet HTML 3Page - EPCOS B3577 Datasheet HTML 4Page - EPCOS B3577 Datasheet HTML 5Page - EPCOS B3577 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sep 09, 2005
SAW Components
B3577
311,06 MHz
Low-loss Filter
Data Sheet
Characteristics
Reference temperature:
TA = -40 ... 95 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
1)Temperature dependence of fC: fC(TA) = fC(T0) (1 + TCf(TA – T0)2)
min.
typ.
max.
Center frequency
fC
—
311,06
—
MHz
(center frequency between 3 dB points)
Minimum insertion attenuation
α
min
310,94 ... 311,18 MHz
—
2,0
3,0
dB
Pass band (relative to
α
min)
310,94 ... 311,18 MHz
—
1,0
2,0
dB
310,91 ... 311,21 MHz
—
2,0
3,0
dB
Relative attenuation (relative to
α
min)
α
rel
10,00 ... 290,00 MHz
40
45
—
dB
290,00 ... 306,00 MHz
35
40
—
dB
306,00 ... 310,10 MHz
20
26
—
dB
312,00 ... 313,50 MHz
15
21
—
dB
320,00 ... 396,00 MHz
35
40
—
dB
550,00 ...1000,00 MHz
45
60
—
dB
Impedance for pass band matching
Input:
ZIN
=
RIN
||
CIN
—
353 || 3,30
—
Ω || pF
Output:
ZOUT = ROUT || COUT
—
343 || 3,30
—
Ω || pF
Temperature coefficient of frequency 1)
TCf
—
–0,03
—
ppm/K2
Frequency inversion point
T0
10
—
30
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com