Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA615 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA615
Description  High performance low power mixer FM IF system
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA615 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA615 Datasheet HTML 1Page - NXP Semiconductors SA615 Datasheet HTML 2Page - NXP Semiconductors SA615 Datasheet HTML 3Page - NXP Semiconductors SA615 Datasheet HTML 4Page - NXP Semiconductors SA615 Datasheet HTML 5Page - NXP Semiconductors SA615 Datasheet HTML 6Page - NXP Semiconductors SA615 Datasheet HTML 7Page - NXP Semiconductors SA615 Datasheet HTML 8Page - NXP Semiconductors SA615 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
SA615
High performance low power mixer FM IF system
1997 Nov 07
3
BLOCK DIAGRAM
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
RSSI
OSCILLATOR
IF
AMP
LIMITER
EB
SR00342
Figure 2. Block Diagram
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Single supply voltage
9
V
TSTG
Storage temperature range
–65 to +150
°C
TA
Operating ambient temperature range SA615
–40 to +85
°C
θJA
Thermal impedance
D package
N package
SSOP package
90
75
117
°C/W
DC ELECTRICAL CHARACTERISTICS
VCC = +6V, TA = 25°C; unless otherwise stated.
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
SA615
UNITS
MIN
TYP
MAX
VCC
Power supply voltage range
4.5
8.0
V
ICC
DC current drain
5.7
7.4
mA
Mute switch input threshold
(ON)
1.7
V
(OFF)
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com