Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF1310Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFF1310Z
Description  40 AMPS 200 VOLTS 0.050 廓 N-CHANNEL POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFF1310Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFF1310Z Datasheet HTML 1Page - Solid States Devices, Inc SFF1310Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SFF1310M
SFF1310Z
FEATURES:
DATA SHEET #: FT0004A
MAXIMUM RATINGS
• Rugged construction with polysilicon gate
• Low RDS (on) and high transconductance
• Excellent high temperature stability
• Very fast switching speed
• Fast recovery and superior dv/dt performance
• Increased reverse energy capability
• Low input and transfer capacitance for easy paralleling
• Hermetically sealed package
• TX, TXV, and Space Level screening available
• Replaces: SMM40N20 Type
TO-3
40 AMPS
200 VOLTS
0.050
S
N-CHANNEL
POWER MOSFET
DESIGNER'S DATA SHEET
14830 Valley View Av. * La Mirada, Ca 90670
Phone: (562) 404-7855 * Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCDs for these devices should be reviewed by SSDI prior to release.
PACKAGE OUTLINE: TO-3
PINOUT:
DRAIN:
PIN 1
SOURCE:
PIN 2
GATE:
PIN 3
VGS
±
20
Volts
Gate to Source Voltage
ID
40
Continuous Drain Current
Drain to Source Voltage
VDS
200
Amps
Volts
Thermal Resistance, Junction to Case
R2JC
Top & Tstg
-55 to +150
Operating and Storage Temperature
oC
oC/W
0.5
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Watts
Total Device Dissipation
PD
250
190
@ TC = 25oC
@ TC = 55oC


Similar Part No. - SFF1310Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF130 SSDI-SFF130 Datasheet
232Kb / 2P
14 AMP 200 Volts 0.16OHM N-Channel POWER MOSFET
SFF130-28 SSDI-SFF130-28 Datasheet
227Kb / 2P
14 AMP / 100 Volts 0.16OHM N-Channel POWER MOSFET
SFF130-3 SSDI-SFF130-3 Datasheet
223Kb / 2P
14 AMP 100 VOLTS 0.16ohm N-Channel Power MOSFET
SFF130-3 SSDI-SFF130-3_1 Datasheet
126Kb / 2P
N-Channel Power MOSFET
SFF130-5 SSDI-SFF130-5 Datasheet
173Kb / 2P
8 AMP / 100 Volts 0.18OHM N-Channel POWER MOSFET
More results

Similar Description - SFF1310Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFF50N20M SSDI-SFF50N20M Datasheet
70Kb / 2P
50 AMPS 200 VOLTS 0.055 OHM N-Channel POWER MOSFET
SFF50N20N SSDI-SFF50N20N Datasheet
249Kb / 2P
50 AMPS 200 VOLTS 0.055 OHM N-Channel POWER MOSFET
SFF50N20B SSDI-SFF50N20B Datasheet
212Kb / 2P
50 AMPS 200 VOLTS 0.050 OHM N-Channel POWER MOSFET
SFF50N20-3 SSDI-SFF50N20-3 Datasheet
199Kb / 2P
50 AMPS 200 VOLTS 0.050 OHM N-Channel POWER MOSFET
SFF40N30N SSDI-SFF40N30N Datasheet
236Kb / 2P
40 AMPS 300 VOLTS 0.10 OHM N-Channel POWER MOSFET
SFF15N80-3 SSDI-SFF15N80-3 Datasheet
49Kb / 2P
15 AMPS 800 VOLTS 0.60 廓 N-CHANNEL POWER MOSFET
logo
ON Semiconductor
MTW32N20E ONSEMI-MTW32N20E Datasheet
89Kb / 7P
Power MOSFET 32 Amps, 200 Volts N-Channel TO-247
June, 2006 ??Rev. 6
logo
Unisonic Technologies
UT40N03 UTC-UT40N03 Datasheet
267Kb / 5P
40 Amps, 30 Volts N-CHANNEL POWER MOSFET
UT65N03 UTC-UT65N03 Datasheet
144Kb / 3P
65 Amps, 30 Volts, 3.7m廓 N-CHANNEL POWER MOSFET
logo
Solid States Devices, I...
SH0064B SSDI-SH0064B Datasheet
101Kb / 2P
40 AMPS 200 VOLTS POWER SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com