Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA614AD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA614AD
Description  Low power FM IF system
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA614AD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA614AD Datasheet HTML 3Page - NXP Semiconductors SA614AD Datasheet HTML 4Page - NXP Semiconductors SA614AD Datasheet HTML 5Page - NXP Semiconductors SA614AD Datasheet HTML 6Page - NXP Semiconductors SA614AD Datasheet HTML 7Page - NXP Semiconductors SA614AD Datasheet HTML 8Page - NXP Semiconductors SA614AD Datasheet HTML 9Page - NXP Semiconductors SA614AD Datasheet HTML 10Page - NXP Semiconductors SA614AD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Philips Semiconductors
Product specification
SA614A
Low power FM IF system
1997 Nov 07
7
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
NE604A TEST CIRCUIT
SA604A
MUTE
AUDIO
RSSI
DATA
8765
4
3
2
1
SA602
+6V
100nF
10nF
47pF
22pF
100nF
5.6pF
44.545
3rd OVERTURE
XTAL
SFG455A3
OUT
OUT
C–MSG
FILTER
455kHz
Q=20
SFG455A3
+6V
4V
10pF
3V
2V
1V
–0
–20
–40
–60
–80
10
100
1k
10k
100k
–120
–100
–80
–60
–40
–20
614A IF INPUT (
µV) (1500Ω)
AUDIO
RSSI (VOLTS)
THD + NOISE
AM (80% MOD)
NOISE
602 RF INPUT (dBm) (50
Ω)
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
22pF
1nF
0.5
to
1.3
µH
5.5
µH
6.8
µF
0.21
to
0.28
µH
100k
0.1
µF
SR00327
Figure 5. Typical Application Cellular Radio (45MHz to 455kHz)
CIRCUIT DESCRIPTION
The SA614A is a very high gain, high frequency device. Correct
operation is not possible if good RF layout and gain stage practices
are not used. The SA614A cannot be evaluated independent of
circuit, components, and board layout. A physical layout which
correlates to the electrical limits is shown in Figure 3. This
configuration can be used as the basis for production layout.
The SA614A is an IF signal processing system suitable for IF
frequencies as high as 21.4MHz. The device consists of two limiting
amplifiers, quadrature detector, direct audio output, muted audio
output, and signal strength indicator (with log output characteristic).
The sub-systems are shown in Figure 4. A typical application with
45MHz input and 455kHz IF is shown in Figure 5.
IF Amplifiers
The IF amplifier section consists of two log-limiting stages. The first
consists of two differential amplifiers with 39dB of gain and a small
signal bandwidth of 41MHz (when driven from a 50
Ω source). The
output of the first limiter is a low impedance emitter follower with
1k
Ω of equivalent series resistance. The second limiting stage
consists of three differential amplifiers with a gain of 62dB and a
small signal AC bandwidth of 28MHz. The outputs of the final
differential stage are buffered to the internal quadrature detector.
One of the outputs is available at Pin 9 to drive an external
quadrature capacitor and L/C quadrature tank.
Both of the limiting amplifier stages are DC biased using feedback.
The buffered output of the final differential amplifier is fed back to the
input through 42k
Ω resistors. As shown in Figure 4, the input
impedance is established for each stage by tapping one of the
feedback resistors 1.6k
Ω from the input. This requires one
additional decoupling capacitor from the tap point to ground.
42k
15
16
1
1.6k
40k
V+
70014
7k
SR00328
Figure 6. First Limiter Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com