Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3680 Datasheet(PDF) 2 Page - EPCOS

Part # B3680
Description  SAW Components Low-Loss Filter 352,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3680 Datasheet(HTML) 2 Page - EPCOS

  B3680 Datasheet HTML 1Page - EPCOS B3680 Datasheet HTML 2Page - EPCOS B3680 Datasheet HTML 3Page - EPCOS B3680 Datasheet HTML 4Page - EPCOS B3680 Datasheet HTML 5Page - EPCOS B3680 Datasheet HTML 6Page - EPCOS B3680 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Apr 11, 2002
SAW Components
B3680
352,0 MHz
Low-Loss Filter
Data Sheet
Ceramic package QCC8C
Features
q
Low-loss IF filter for Wireless LAN
q
Low insertion attenuation
q
Low amplitude ripple
q
Usable passband 12 MHz
q
Balanced or unbalanced operation
q
Hermetically sealed ceramic package
q
Package for Surface Mounted Technology
(SMT)
Terminals
q
Gold plated
typ. Dimensions in mm, approx. weight 0,1 g
Pin configuration
2, 3
Input, input ground or bal. input
6, 7
Output, outp. ground or bal. outp.
4, 8
Case ground
1, 5
Ground
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B3680
B39351-B3680-U310
C61157-A7-A56
F61074-V8070-Z000
Maximum ratings
Operable temperature range
TA
-25 / +85
˚C
Storage temperature range
Tstg
-40 / +85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com