Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT75R12 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT75R12
Description  TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R12 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT75R12 Datasheet HTML 17Page - Exar Corporation XRT75R12 Datasheet HTML 18Page - Exar Corporation XRT75R12 Datasheet HTML 19Page - Exar Corporation XRT75R12 Datasheet HTML 20Page - Exar Corporation XRT75R12 Datasheet HTML 21Page - Exar Corporation XRT75R12 Datasheet HTML 22Page - Exar Corporation XRT75R12 Datasheet HTML 23Page - Exar Corporation XRT75R12 Datasheet HTML 24Page - Exar Corporation XRT75R12 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
XRT75R12
18
REV. 1.0.3
TWELVE CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
FUNCTIONAL DESCRIPTION
The XRT75R12 is a twelve channel fully integrated Line Interface Unit featuring EXAR’s R3 Technology
(Reconfigurable, Relayless Redundancy) for E3/DS3/STS-1 applications.
The LIU incorporates 12
independent Receivers, Transmitters and Jitter Attenuators in a single 420 Lead TBGA package.
Each
channel can be independently programmed to support E3, DS-3 or STS-1 line rates using one input clock
reference of 12.288MHz in Single Frequency Mode (SFM). The LIU is responsible for providing the physical
connection between a line interface and an aggregate mapper or framing device. Along with the analog-to-
digital processing, the LIU offers monitoring and diagnostic features to help optimize network design
implementation. A key characteristic within the network topology is Automatic Protection Switching (APS).
EXAR’s proven expertise in providing redundany solutions has paved the way for R3 Technology.
1.0
R3 TECHNOLOGY (RECONFIGURABLE, RELAYLESS REDUNDANCY)
Redundancy is used to introduce reliability and protection into network card design. The redundant card in
many cases is an exact replicate of the primary card, such that when a failure occurs the network processor
can automatically switch to the backup card. EXAR’s R3 technology has re-defined E3/DS-3/STS-1 LIU design
for 1:1 and 1+1 redundancy applications. Without relays and one Bill of Materials, EXAR offers multi-port,
integrated LIU solutions to assist high density aggregate applications and framing requirements with reliability.
The following section can be used as a reference for implementing R3 Technology with EXAR’s world leading
line interface units.
1.1
Network Architecture
A common network design that supports 1:1 or 1+1 redundancy consists of N primary cards along with N
backup cards that connect into a mid-plane or back-plane architecture without transformers installed on the
network cards. In addition to the network cards, the design has a line interface card with one source of
transformers, connectors, and protection components that are common to both network cards.
With this
design, the bill of materials is reduced to the fewest amount of components. See Figure 2. for a simplified
block diagram of a typical redundancy design.
FIGURE 2. NETWORK REDUNDANCY ARCHITECTURE
Line Interface Card
Primary Line Card
Framer/
Mapper
LIU
Back
Plane
or
Mid
Plane
Tx
Rx
31.6
Ω
31.6
Ω
0.01
µF
0.01
µF
1:1
1:1
Redundant Line Card
Framer/
Mapper
LIU
Tx
Rx
31.6
Ω
31.6
Ω
0.01
µF
0.01
µF
37.5Ω
37.5Ω
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com