Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST78C36A Datasheet(PDF) 9 Page - Exar Corporation

Part # ST78C36A
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36A Datasheet(HTML) 9 Page - Exar Corporation

Back Button ST78C36A Datasheet HTML 5Page - Exar Corporation ST78C36A Datasheet HTML 6Page - Exar Corporation ST78C36A Datasheet HTML 7Page - Exar Corporation ST78C36A Datasheet HTML 8Page - Exar Corporation ST78C36A Datasheet HTML 9Page - Exar Corporation ST78C36A Datasheet HTML 10Page - Exar Corporation ST78C36A Datasheet HTML 11Page - Exar Corporation ST78C36A Datasheet HTML 12Page - Exar Corporation ST78C36A Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
xr
ST78C36/36A
REV. 5.0.2
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
9
3.12
EXTENDED CONTROL REGISTER ( ECR )
The Extended Control Register has a system RESET state of 10010101. The significance of the bits is defined
by the ECP specification as:
ECR Bit-0:
This read-only bit returns FIFO empty status (FIFO-E) and is forced high unless PPF, ECP, or TST mode is
selected.
0 = At least one byte of data contains in the FIFO.
1 = FIFO is empty.
ECR Bit-1:
This read-only bit returns FIFO full status (FIFO-F) and is forced low unless PPF, ECP, or TST mode is
selected.
0 = At least one empty location is available in the FIFO.
1 = FIFO is full.
ECR Bit-2:
When low, this bit (ServiceIntr) enables a pulsed interrupt and enables DMA requests (if bit-3 is set). If the
enabled interrupt occurs, this bit is automatically returned to a high. The interrupt conditions are:
ECR Bit-3 = DMA
DCR Bit-5 = DIRection
ECR BIT-3:
This bit disables DMA when set low. When set high, a low on ServiceIntr will enable DMA requests.
0 = DMA disabled, DRQx pin is three-stated.
1 = DMA enabled
ECR Bit-4:
When low, this bit (-ErrIntrEn) enables a pulsed interrupt if -ERROR (-Fault) is low. The interrupt is only
enabled in ECP mode.
TABLE 3: DMA CONDITION
DMA
DIR
CONDITION
0
0
8 empty bytes in the FIFO
0
1
8 filled bytes in the FIFO
1
X
DMA Terminal Count (TC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com