Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B3697 Datasheet(PDF) 3 Page - EPCOS

Part # B3697
Description  SAW Components Low-Loss Filter 190,00 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3697 Datasheet(HTML) 3 Page - EPCOS

  B3697 Datasheet HTML 1Page - EPCOS B3697 Datasheet HTML 2Page - EPCOS B3697 Datasheet HTML 3Page - EPCOS B3697 Datasheet HTML 4Page - EPCOS B3697 Datasheet HTML 5Page - EPCOS B3697 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Feb 03, 2003
SAW Components
B3697
190,00 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature:
TA = -10 ... +85 ˚C
Terminating source impedance:
ZS = 50 Ω and matching network
Terminating load impedance:
ZL = 50 Ω and matching network
Group delay aperture:
50 kHz
min.
typ.
max.
Nominal frequency
fN
—
190,00
—
MHz
Minimum insertion attenuation
α
min
(including matching network)
fN ± 2,05 MHz
—
10,7
12,0
dB
Passband width
α
rel ≤ 1 dB
B1dB
4,5
4,9
—
MHz
α
rel ≤ 3 dB
B3dB
5,6
5,8
—
MHz
α
rel ≤ 10 dB
B10dB
—
7,0
7,2
MHz
α
rel ≤ 30 dB
B30dB
—
8,4
8,6
MHz
Amplitude ripple (p-p)
∆α
fN ± 2,05 MHz
—
0,45
1,0
dB
Phase ripple (p-p)
∆ϕ
fN ± 2,05 MHz
—
3,5
4
˚
Group delay ripple (p-p)
∆τ
fN ± 2,05 MHz
—
70
100
ns
Absolute group delay
τ
mean value within
fN ± 2,05 MHz at 25 ˚C1)
1) At other temperatures the variation from filter to filter is also restricted to +/- 5 ns.
From -10 ... +85 ˚ C the variation of mean value of group delay is restricted to +/- 20 ns.
952
957
962
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com